Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMD63P02XTC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMD63P02XTC
Description  DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMD63P02XTC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMD63P02XTC Datasheet HTML 1Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 2Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 3Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 4Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 5Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 6Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXMD63P02X
4
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
-20
V
ID=-250µA, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS=-20V, VGS=0V
Gate-Body Leakage
IGSS
±100
nA
VGS=± 12V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
-0.7
V
ID=-250µA, VDS=
VGS
Static Drain-Source On-State Resistance
(1)
RDS(on)
0.27
0.40
Ω
Ω
VGS=-4.5V, ID=-1.2A
VGS=-2.7V, ID=-0.6A
Forward Transconductance (3)
gfs
1.3
S
VDS=-10V,ID=-0.6A
DYNAMIC (3)
Input Capacitance
Ciss
290
pF
VDS=-15 V, VGS=0V,
f=1MHz
Output Capacitance
Coss
120
pF
Reverse Transfer Capacitance
Crss
50
pF
SWITCHING(2) (3)
Turn-On Delay Time
td(on)
3.4
ns
VDD =-10V, ID=-1.2A
RG=6.0Ω, RD=8.3Ω
(Refer to test
circuit)
Rise Time
tr
9.6
ns
Turn-Off Delay Time
td(off)
16.4
ns
Fall Time
tf
20.4
ns
Total Gate Charge
Qg
5.25
nC
VDS=-16V,VGS=-4.5V,
ID=-1.2A
(Refer to test
circuit)
Gate-Source Charge
Qgs
1.0
nC
Gate Drain Charge
Qgd
2.25
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
VSD
-0.95
V
Tj=25°C, IS=-1.2A,
VGS=0V
Reverse Recovery Time (3)
trr
21.7
ns
Tj=25°C, IF=-1.2A,
di/dt= 100A/
µs
Reverse Recovery Charge(3)
Qrr
9.6
nC
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.
ISSUE
1 - JUNE 2004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com