Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP6A13F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP6A13F
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A13F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP6A13F Datasheet HTML 1Page - Diodes Incorporated ZXMP6A13F Datasheet HTML 2Page - Diodes Incorporated ZXMP6A13F Datasheet HTML 3Page - Diodes Incorporated ZXMP6A13F Datasheet HTML 4Page - Diodes Incorporated ZXMP6A13F Datasheet HTML 5Page - Diodes Incorporated ZXMP6A13F Datasheet HTML 6Page - Diodes Incorporated ZXMP6A13F Datasheet HTML 7Page - Diodes Incorporated ZXMP6A13F Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZXMP6A13F
Document Number DS32014 Rev. 4 - 2
1 of 8
www.diodes.com
November 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMP6A13F
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)
ID
TA = 25°C
-60V
400m
Ω @ VGS= -10V
400m
Ω = -1.1A
600m
Ω @ VGS= -4.5V
600m
Ω = -0.9A
Description and Applications
This MOSFET utilizes a unique structure that combines the benefits
of low on-resistance with fast switching speed, making it ideal for
high-efficiency power management applications.
DC - DC converters
Power management functions
Relay and solenoid driving
Motor control
Features and Benefits
Fast switching speed
Low input capacitance
Low gate charge
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Copper leadframe
Solderable per MIL-STD-202, Method 208
Weight: 0.008 grams (approximate)
Ordering Information
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXMP6A13FTA
7P6
7
8
3000 Units
Marking Information
Top View
Equivalent Circuit
7P6 = Product Type Marking Code
D
S
G
Top View
Pin Out
D
S
G
7P6
SOT-23
Please click here to visit our online spice models database.


Similar Part No. - ZXMP6A13F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A13F ZETEX-ZXMP6A13F Datasheet
212Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F ZETEX-ZXMP6A13F Datasheet
210Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP6A13FQ DIODES-ZXMP6A13FQ Datasheet
288Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A13FQTA DIODES-ZXMP6A13FQTA Datasheet
288Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A13FQ DIODES-ZXMP6A13FQ_15 Datasheet
288Kb / 8P
ZXMP6A13FQ_15
Rev 2
More results

Similar Description - ZXMP6A13F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com