Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP6A16K Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP6A16K
Description  60V DPAK P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A16K Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP6A16K Datasheet HTML 1Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 2Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 3Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 4Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 5Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 6Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 7Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 3 - June 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXMP6A16K
60V DPAK P-channel enhancement mode MOSFET
Summary
Description
This new generation trench MOSFET from Zetex features a unique
structure combining the benefits of low on-resistance and fast
switching, making it ideal for high efficiency power management
applications.
Features
Low on-resistance
Fast switching speed
Low threshold
Low gate drive
DPAK package
Applications
DC-DC converters
Power management functions
Disconnect switches
Motor control
Ordering information
Device marking
ZXMP
6A16
V(BR)DSS
RDS(on) ( )ID (A)
-60
0.085 @ VGS= -10V
8.2
0.125 @ VGS= -4.5V
6.75
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXMP6A16KTC
13
16
2500
D
S
G
GS
D
D
Pinout - top view


Similar Part No. - ZXMP6A16K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A16K ZETEX-ZXMP6A16K Datasheet
587Kb / 8P
60V DPAK P-channel enhancement mode MOSFET
logo
Inchange Semiconductor ...
ZXMP6A16K ISC-ZXMP6A16K Datasheet
307Kb / 2P
isc P-Channel MOSFET Transistor
logo
Zetex Semiconductors
ZXMP6A16KTC ZETEX-ZXMP6A16KTC Datasheet
587Kb / 8P
60V DPAK P-channel enhancement mode MOSFET
More results

Similar Description - ZXMP6A16K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
214Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN6A25K ZETEX-ZXMN6A25K Datasheet
802Kb / 8P
60V DPAK N-channel enhancement mode MOSFET
ZXMP6A16K ZETEX-ZXMP6A16K Datasheet
587Kb / 8P
60V DPAK P-channel enhancement mode MOSFET
ZXMN6A09K ZETEX-ZXMN6A09K_07 Datasheet
617Kb / 8P
60V N-channel enhancement mode MOSFET in DPAK
logo
Diodes Incorporated
ZXMN6A25K DIODES-ZXMN6A25K Datasheet
813Kb / 8P
60V DPAK N-channel enhancement mode MOSFET
Rev erse
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
ZXMP10A18K DIODES-ZXMP10A18K Datasheet
829Kb / 8P
100V DPAK P-channel enhancement mode MOSFET
AUGUST 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com