Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP10A13F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP10A13F
Description  100V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP10A13F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP10A13F Datasheet HTML 1Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 2Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 3Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 4Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 5Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 6Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SEMICO NDUC TORS
SUMMARY
V(BR)DSS = - 100V : RDS(on)= 1 ; ID = - 0.7A
DESCRIPTION
This new generation of Trench MOSFETs from Zetex utilizes a unique structure that
combines the benefits of low on-resistance with fast switching speed. This makes
them ideal for high efficiency, low voltage, power management applications.
FEATURES
• Low on-resistance
• Fast switching speed
• Low threshold
• Low gate drive
• SOT23 package
APPLICATIONS
• DC-DC Converters
• Power Management functions
• Disconnect switches
• Motor control
DEVICE MARKING
• 7P1
ZXMP10A13F
ISSUE 1 - MARCH 2005
100V P-CHANNEL ENHANCEMENT MODE MOSFET
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXMP10A13FTA
7”
8mm
3000 units
ZXMP10A13FTC
13”
8mm
10000units
ORDERING INFORMATION
PINOUT
SOT23


Similar Part No. - ZXMP10A13F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP10A13F ZETEX-ZXMP10A13F Datasheet
213Kb / 7P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP10A13FQ DIODES-ZXMP10A13FQ Datasheet
478Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
November 2017
ZXMP10A13FQTA DIODES-ZXMP10A13FQTA Datasheet
515Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMP10A13FQTA DIODES-ZXMP10A13FQTA Datasheet
478Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
November 2017
ZXMP10A13FQTC DIODES-ZXMP10A13FQTC Datasheet
515Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results

Similar Description - ZXMP10A13F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com