Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP2120G4TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMP2120G4TA
Description  200V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP2120G4TA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMP2120G4TA Datasheet HTML 1Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 2Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 3Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 4Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 5Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZXMP2120G4
ISSUE 2 - SEPTEMBER 2006
3
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS
Drain-Source
Breakdown Voltage
BVDSS
-200
V
ID=-1mA, VGS=0V
Gate-Source Threshold
Voltage
VGS(th)
-1.5
-3.5
V
I
D
=-1mA, VDS=VGS
Gate-Body Leakage
IGSS
20
nA
VGS=
20V, VDS=0V
Zero Gate Voltage Drain
Current
IDSS
-10
-100
µA
µA
VDS=-200 V, VGS=0V
VDS=-160 V, VGS=0V,
T=125°C
(2)
On-State Drain Current
(1)
ID(on)
-300
mA
VDS=-25 V, VGS=-10V
Static Drain-Source On-State
Resistance
(1)
RDS(on)
25
Ω
VGS=-10V, ID=-150mA
Forward Transconductance
(1)(2)
gfs
50
mS
VDS=-25V, ID=-150mA
Input Capacitance
(2)
Ciss
100
pF
Common Source Output
Capacitance
(2)
Coss
25
pF
VDS=-25V, VGS=0V, f=1MHz
Reverse Transfer Capacitance
(2)
Crss
7pF
Turn-On Delay Time
(2)(3)
td(on)
7ns
VDD -25V, ID=-150mA
Rise Time
(2)(3)
tr
15
ns
Turn-Off Delay Time
(2)(3)
td(off)
12
ns
Fall Time
(2)(3)
tf
15
ns
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ®2%
(2) Sample test.
(3) Switching times measured with 50
Ω source impedance and <5ns rise time on a pulse generator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com