Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP2120G4TC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMP2120G4TC
Description  200V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP2120G4TC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMP2120G4TC Datasheet HTML 1Page - Diodes Incorporated ZXMP2120G4TC Datasheet HTML 2Page - Diodes Incorporated ZXMP2120G4TC Datasheet HTML 3Page - Diodes Incorporated ZXMP2120G4TC Datasheet HTML 4Page - Diodes Incorporated ZXMP2120G4TC Datasheet HTML 5Page - Diodes Incorporated ZXMP2120G4TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXMP2120G4
ISSUE 2 - SEPTEMBER 2006
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
-200
V
Gate Source Voltage
VGS
20
V
Continuous Drain Current (VGS=10V; Tamb=25°C)
(a)
ID
-200
mA
Pulsed Drain Current
(b)
IDM
-1
A
Pulsed Source Current (Body Diode)
(b)
ISM
-1
A
Power Dissipation at Tamb=25°C
(a)
Linear derating factor
Ptot
2.0
1.6
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)
RθJA
62.5
°C/W
NOTES:
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com