Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMS6003G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMS6003G
Description  60V N-channel self protected enhancement mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6003G Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMS6003G Datasheet HTML 1Page - Diodes Incorporated ZXMS6003G Datasheet HTML 2Page - Diodes Incorporated ZXMS6003G Datasheet HTML 3Page - Diodes Incorporated ZXMS6003G Datasheet HTML 4Page - Diodes Incorporated ZXMS6003G Datasheet HTML 5Page - Diodes Incorporated ZXMS6003G Datasheet HTML 6Page - Diodes Incorporated ZXMS6003G Datasheet HTML 7Page - Diodes Incorporated ZXMS6003G Datasheet HTML 8Page - Diodes Incorporated ZXMS6003G Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 2 - March 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXMS6003G
60V N-channel self protected enhancement mode
IntelliFETTM MOSFET with programmable current limit
Summary
Continuous drain source voltage
VDS = 60V
On-state resistance
500m
Nominal load current (VIN = 5V)
1.4A
Clamping energy
550mJ
Description
Ordering information
Self protected low side MOSFET. Monolithic over
temperature, over current, over voltage (active
clamp) and ESD protected logic level functionality.
Intended as a general purpose switch, with status
indication and programmable current limit.
Note: Rprog must be connected between the
Status and IN pins
Features
•
Current limit programmable via external
resistor
•
Status pin (analog status indication)
•
Short circuit protection with auto restart
•
Over voltage protection (active clamp)
•
Thermal shutdown with auto restart
•
Over-current protection
•
Input Protection (ESD)
•
Load dump protection (actively protects
load)
•
Logic Level Input
•
High continuous current rating
Device
Part mark
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXMS6003GTA
ZXMS6003
7
12
1,000
D
Top view
S
Status
Rprog
IN


Similar Part No. - ZXMS6003G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMS6003G ZETEX-ZXMS6003G Datasheet
683Kb / 10P
60V N-channel self protected enhancement mode IntelliFET MOSFET with programmable current limit
logo
Diodes Incorporated
ZXMS6003G DIODES-ZXMS6003G Datasheet
691Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET WITH PROGRAMMABLE CURRENT LIMIT
July 2019 Rev. 5 - 2
ZXMS6003GQ DIODES-ZXMS6003GQ Datasheet
475Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6003GQTA DIODES-ZXMS6003GQTA Datasheet
475Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
logo
Zetex Semiconductors
ZXMS6003GTA ZETEX-ZXMS6003GTA Datasheet
683Kb / 10P
60V N-channel self protected enhancement mode IntelliFET MOSFET with programmable current limit
More results

Similar Description - ZXMS6003G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6006SG DIODES-ZXMS6006SG Datasheet
249Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
DS35141 Rev. 1 - 2
ZXMS6001N3 DIODES-ZXMS6001N3 Datasheet
205Kb / 10P
60V N-channel self protected enhancement mode
JANUARY 2008
ZXMS6002G DIODES-ZXMS6002G Datasheet
675Kb / 10P
60V N-Channel self protected enhancement mode
JUNE 2007
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
60V N-channel self protected enhancement mode
DECEMBER 2008
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6004DN8 DIODES-ZXMS6004DN8 Datasheet
424Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 2
ZXMS6004FFQ DIODES-ZXMS6004FFQ Datasheet
421Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 4
ZXMS6004N8 DIODES-ZXMS6004N8 Datasheet
717Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 2
ZXMS6005DGQ DIODES-ZXMS6005DGQ Datasheet
253Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6005DT8Q DIODES-ZXMS6005DT8Q Datasheet
359Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com