Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRE125DFTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXRE125DFTA
Description  SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE125DFTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXRE125DFTA Datasheet HTML 1Page - Diodes Incorporated ZXRE125DFTA Datasheet HTML 2Page - Diodes Incorporated ZXRE125DFTA Datasheet HTML 3Page - Diodes Incorporated ZXRE125DFTA Datasheet HTML 4Page - Diodes Incorporated ZXRE125DFTA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZXRE125
ZXRE125
Document number: DS32170 Rev. 8 - 2
2 of 5
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Parameter
Symbol
Rating
Unit
Reverse Current
VZ
30
mA
Forward Current
10
mA
Operating Temperature
TOMP
-40 to 85
°C
Storage Temperature
TSTG
-55 to 125
°C
Power Dissipation (TAMB = 25°C)
PD
330
mW
Electrical Characteristics (Test conditions: Tamb = 25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Tol. (%)
Unit
VR
Reverse breakdown voltage
IR = 100µA
1.214
1.208
1.196
1.183
1.220
1.220
1.220
1.220
1.226
1.232
1.244
1.257
C/0.5
(1)
D/1
E/2
F/3
V
IMIN
Minimum operating current
4
8
µA
IR
Recommended operating current
0.008
20
mA
TC
(*)
Average reverse breakdown
voltage temperature coefficient
IR(min) to IR(max)
20
75
ppm/°C
ΔVR
ΔIR
Reverse Breakdown Change
with Current Voltage
IR = 30μA to 1mA
IR = 1mA to 12mA
1
10
mV
ZR
Reverse dynamic impedance
IR = 1mA
f = 100Hz
IAC = 0.1IR
0.2
0.6
Ω
EN
Wideband noise voltage
IR = 8µA to 100µA
f = 10Hz to 10kHz
60
µV(rms)
Notes:
1.
Note: VR(MAX) - VR(MIN) is the maximum deviation in reference
voltage measured over the full operating temperature range.
(*)
TC =
(VR(MAX) – VR(MIN)) x 1000000
VR x (T(MAX) – T(MIN))



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com