Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRE4041CF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXRE4041CF
Description  SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE4041CF Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXRE4041CF Datasheet HTML 1Page - Diodes Incorporated ZXRE4041CF Datasheet HTML 2Page - Diodes Incorporated ZXRE4041CF Datasheet HTML 3Page - Diodes Incorporated ZXRE4041CF Datasheet HTML 4Page - Diodes Incorporated ZXRE4041CF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ZXRE4041
ZXRE4041
Document number: DS32169 Rev. 6 - 2
1 of 5
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Description
The ZXRE4041 is a bandgap circuit designed to achieve a
precision micropower voltage reference of 1.225 volts. The
device is available in the small outline SOT23 surface
mount package which is ideal for applications where space
saving is important.
SOT23 tolerance is available to 0.5% C grade for precision
applications. Excellent performance is maintained over the
30 A to 12mA operating current range with a typical
temperature coefficient of only 20ppm/°C. The device has
been designed to be highly tolerant of capacitive loads so
maintaining excellent stability.
This device offers a SOT23 pin for pin compatible
alternative to LM4041 voltage references.
Features
•
High performance alternative to LM4041
•
Small outline SOT23
•
30
μA knee current
•
20ppm/°C typical temperature coefficient
•
Unconditionally stable
•
0.5%, 1%, and 2% tolerance
•
Green molding compound (No Br, Sb)
Applications
•
Battery powered equipment
•
Precision power supplies
•
Portable instrumentation
•
Portable communication devices
•
Notebook and palm top computers
•
Data acquisition systems
•
A/D and D/A converters
•
Test equipment
Pin Assignments
(Top view)
Pin 1 floating or connected to pin 2
Schematic Diagram
Application Circuit


Similar Part No. - ZXRE4041CF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE4041CF ZETEX-ZXRE4041CF Datasheet
61Kb / 4P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
More results

Similar Description - ZXRE4041CF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4041 STMICROELECTRONICS-TS4041 Datasheet
218Kb / 9P
1.225V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS821 STMICROELECTRONICS-TS821 Datasheet
60Kb / 7P
1.225V MICROPOWER VOLTAGE REFERENCE
May-2000
logo
Zetex Semiconductors
ZXRE1004 ZETEX-ZXRE1004 Datasheet
62Kb / 4P
SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
logo
STMicroelectronics
TS821 STMICROELECTRONICS-TS821_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
24-Jul-2007
TS4041 STMICROELECTRONICS-TS4041_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
20-Aug-2007
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
Rev 8
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com