Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXSC100 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXSC100 Datasheet HTML 1Page - Diodes Incorporated ZXSC100 Datasheet HTML 2Page - Diodes Incorporated ZXSC100 Datasheet HTML 3Page - Diodes Incorporated ZXSC100 Datasheet HTML 4Page - Diodes Incorporated ZXSC100 Datasheet HTML 5Page - Diodes Incorporated ZXSC100 Datasheet HTML 6Page - Diodes Incorporated ZXSC100 Datasheet HTML 7Page - Diodes Incorporated ZXSC100 Datasheet HTML 8Page - Diodes Incorporated ZXSC100 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
1
DESCRIPTION
The ZXSC100 series is designed for DC-DC
applications where step-up voltage conversion from
very low input voltages is required. These applications
mainly operate from single nickel cadmium or nickel
metal hydride battery cells.
The circuit can start up under full load with regulation
maintained down to an input voltage of only 0.926
volts. The solution configuration ensures optimum
efficiency over a wider range of load currents, several
circuit configurations are possible with power
dissipation up to 2W. The step up output voltage is
easily programmed with external resistors, the
non-synchronous architecture and SuperSOT4™
device enabling an output voltage down to the input
voltage level. For best performance the ZXSC100
quiescent current is a small 150µA ensuring minimum
battery drain in no load conditions.
The IC and discrete combination offers the ultimate
cost vs performance solution for single cell DC-DC
conversion.
SINGLE CELL DC-DC CONVERTER SOLUTION
FEATURES
Efficiency maintained over a wide range of input
voltages and load currents
82% efficiency @ V
BATT=1V
Startup under full load
Minimum operating input voltage V
BATT=0.926V
Adjustable output voltage down to V
BATT
Quiescent current typically 150µA referred to
input voltage
MSOP8 package
SO8 package
APPLICATIONS
Cordless telephones
MP3 players
PDA
Pagers
Battery backup supplies
Electronic toothbrush
GPS receivers
Digital camera
Palmtop computers
APPLICATIONS(continued)
Hand held instruments
Portable medical equipment
Solar powered equipment
Q1
FMMT617
R2
R1
L1
D1
ZHCS1000
R3
R4
C2
C1
3.3V/0.1A
BAS
EM
RE
VBATT
VCC
GND
FB
ISENSE
VDRIVE
U1
ZXSC100
C3
TYPICAL APPLICATION CIRCUIT
ORDERING INFORMATION
DEVICE
Package
Partmarking
Reel
size
Tape
width
Quantity per
reel
ZXSC100X8
MSOP8
ZXSC100
7”
12mm
1,000
ZXSC100N8
SO8
ZXSC100
7”
12mm
500


Similar Part No. - ZXSC100

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100 Datasheet
414Kb / 19P
SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100N8 ZETEX-ZXSC100N8 Datasheet
414Kb / 19P
SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100N8 ZETEX-ZXSC100N8 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100X8 ZETEX-ZXSC100X8 Datasheet
414Kb / 19P
SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100X8 ZETEX-ZXSC100X8 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
More results

Similar Description - ZXSC100

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100 Datasheet
414Kb / 19P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1610 LINER-LT1610 Datasheet
209Kb / 16P
1.7MHz, Single Cell Micropower DC/DC Converter
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100_04 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
0.85V Single Cell Boost DC-DC Converter
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Linear Technology
LTC1502-3.3 LINER-LTC1502-3.3 Datasheet
171Kb / 8P
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Linear Technology
LT1610 LINER-LT1610_15 Datasheet
224Kb / 16P
1.7MHz, Single Cell Micropower DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com