Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXSC380 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXSC380
Description  Single or multi cell LED driver solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC380 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXSC380 Datasheet HTML 2Page - Diodes Incorporated ZXSC380 Datasheet HTML 3Page - Diodes Incorporated ZXSC380 Datasheet HTML 4Page - Diodes Incorporated ZXSC380 Datasheet HTML 5Page - Diodes Incorporated ZXSC380 Datasheet HTML 6Page - Diodes Incorporated ZXSC380 Datasheet HTML 7Page - Diodes Incorporated ZXSC380 Datasheet HTML 8Page - Diodes Incorporated ZXSC380 Datasheet HTML 9Page - Diodes Incorporated ZXSC380 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ZXSC380
Issue 3 - September 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
Figure 4 Switching frequency vs the supply voltage for various inductor values
Bootstrap operation
The ZXSC380 can be operated in bootstrap mode, as shown in Figure 5, to operate down to 0.7V
typical after the initial successful start up. The operation down to 0.7V typical allows further cell
energy to be extracted beyond typically quoted end of battery voltage of approx. 0.9. This
prolongs the battery use time. (Note: Some batteries may have low voltage protections and may
switch the supply off.) The schotkky diodes, D1 and D2, should have a very low forward voltage,
e.g. of such part is Zetex ZHCS400 (SOD323 package) or Zetex BAT54C (dual schotkky diode with
common Cathode). The start up voltage is 0.9V typical without bootstrap, however, due to the
additional schotkky, D1, being in the path of the supply to the Vcc pin, the start up voltage can be
1.1V typical for the bootstrap configuration.
Figure 5 ZXSC380 in bootstrap mode
Frequency vs Supply Voltage
for L= 22, 47, 68 & 100uH
0
50
100
150
200
250
300
350
11.5
22.5
Supply Voltage Vcc (V)
3
L = 100uH
L = 68uH
L = 47uH
L = 22uH
VCC
VOUT
GND
VIN
GND
L1
100uH
D1
C1
D2
LED1
ZXSC380
1
2
3
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com