Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2871CFEPBF Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2871CFEPBF
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2871CFEPBF Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2871CFEPBF Datasheet HTML 17Page - Linear Technology LTC2871CFEPBF Datasheet HTML 18Page - Linear Technology LTC2871CFEPBF Datasheet HTML 19Page - Linear Technology LTC2871CFEPBF Datasheet HTML 20Page - Linear Technology LTC2871CFEPBF Datasheet HTML 21Page - Linear Technology LTC2871CFEPBF Datasheet HTML 22Page - Linear Technology LTC2871CFEPBF Datasheet HTML 23Page - Linear Technology LTC2871CFEPBF Datasheet HTML 24Page - Linear Technology LTC2871CFEPBF Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC2870/LTC2871
21
28701f
Figure 15. RS485 Receiver Input Threshold Characteristics
APPLICATIONS INFORMATION
All devices also feature thermal shutdown protection that
disables the drivers, receivers, and RS485 terminators in
case of excessive power dissipation (see Note 6).
RS485 Balanced Receiver with Full Failsafe Operation
The LTC2870 and LTC2871 receivers use a window com-
parator with two voltage thresholds centered around zero
for low pulse width distortion. As illustrated in Figure 15, for
a differential signal approaching from a negative direction,
the threshold is typically +65mV. When approaching from
the positive direction, the threshold is typically –65mV. Each
of these thresholds has about 25mV of hysteresis (not
shown in the figure). The state of RO reflects the polarity
of A–B in full-duplex mode or Y–Z in half-duplex mode.
This windowing around 0V preserves pulse width and
duty cycle for small input signals with heavily slewed
edges, typical of what might be seen at the end of a very
long cable. This performance is highlighted in Figure 16,
where a signal is driven through 4000 feet of CAT5e cable at
3Mbps. Even though the differential signal peaks at just over
±100mV and is heavily slewed, the output maintains a nearly
perfect signal with almost no duty cycle distortion.
An additional benefit of the window comparator architecture
is excellent noise immunity due to the wide effective dif-
ferential hysteresis (or ‘AC’ hysteresis) of about 130mV for
normal signals transitioning through the window region in
less than approximately 2μs. Increasingly slower signals
will have increasingly less effective hysteresis, limited by
the DC failsafe value of about 25mV.
The LTC2870 and LTC2871 provide full failsafe operation
that guarantees the receiver output will be a logic high
state when the inputs are shorted, left open, or terminated
but not driven, for more than about 2μs. The delay allows
normal data signals to transition through the threshold
region without being interpreted as a failsafe condition.
RS485 Biasing Resistors Not Required
RS485 networks are often biased with a resistive divider
to generate a differential voltage of ≥200mV on the data
lines, which establishes a logic high state when all the
transmitters on the network are disabled. The values of
the biasing resistors depend on the number and type
of transceivers on the line and the number and value of
terminating resistors. Therefore the values of the biasing
resistors must be customized to each specific network
installation, and may change if nodes are added to or
removed from the network.
The internal failsafe feature of the LTC2870 and LTC2871
eliminates the need for external biasing resistors. The
LTC2870 and LTC2871 transceivers will operate correctly
on unbiased, biased or underbiased networks.
28701 F15
RECEIVER
OUTPUT LOW
–200mV
–65mV
0V
RO
65mV
200mV
VAB
RECEIVER
OUTPUT HIGH
Figure 16. A 3Mbps Signal Driven Down 4000ft of CAT 5e
Cable. Top Traces: Received Signals After Transmission
Through Cable; Middle Trace: Math Showing Differences
of Top Two Signals; Bottom Trace: Receiver Output
0.1V/DIV
0.1V/DIV
5V/DIV
28701 F16
200ns/DIV
RO
(A-B)
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com