Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2871CUHFPBF Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2871CUHFPBF
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2871CUHFPBF Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2871CUHFPBF Datasheet HTML 25Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 26Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 27Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 28Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 29Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 30Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 31Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 32Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC2870/LTC2871
29
28701f
Figure 42. RS232 Extension Cord Using RS232 to RS485 Conversion
Figure 43. RS485 Full-Duplex Network
TYPICAL APPLICATIONS
28701 F42
DX232
DX485
CH2
TE485
VL
RX485
RX232
H/F
LB
RX485
RX232
H/F
LB
GND
GND
LTC2871
LTC2871
VL
DX232
DX485
CH2
TE485
RIN1
RO
DIN1
ROUT1
RXIN
RS485
UP TO 4000 FT
CAT5e CABLE
RS232
DRIVER
OUT
RXOUT
RS232
DRIVER
IN
B
A
ROUT1
DI
DOUT1
DI
ROUT1
RIN1
DIN1
RO
120Ω
120Ω
Z
Y
120Ω
120Ω
B
A
Z
Y
28701 F43
LTC2870/LTC2871
120Ω
LTC2852
SLAVE
SLAVE
MASTER
LTC2855
120Ω
TE485
TE
VL
3.3V
120Ω
LTC2852
SLAVE
VCC = 3V to 5.5V, VL = 1.7V to VCC. Logic input pins not shown are tied to a valid logic state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com