Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8032 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8032
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 10Page - Linear Technology LTM8032 Datasheet HTML 11Page - Linear Technology LTM8032 Datasheet HTML 12Page - Linear Technology LTM8032 Datasheet HTML 13Page - Linear Technology LTM8032 Datasheet HTML 14Page - Linear Technology LTM8032 Datasheet HTML 15Page - Linear Technology LTM8032 Datasheet HTML 16Page - Linear Technology LTM8032 Datasheet HTML 17Page - Linear Technology LTM8032 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTM8042/LTM8042-1
14
80421fa
BLOCK DIAGRAM
80421 BD
CURRENT
MODE LED
CONTROLLER
0.1μF
4.7μH
0.1μF
BSTIN/BKLED–
RUN
SS
PWM
SYNC
VCC
1M
0.1μF
28.0k
20.0k
1%
RSNS
0.10Ω (LTM8042)
0.27Ω (LTM8042-1)
2V
GND
RT
TGEN
CTL
TG
LED+
BSTOUT/BKIN
CURRENT SENSE+
CURRENT SENSE–
OPEN LED
PROTECTION
(1V THRESHOLD)
50k
PIN FUNCTIONS
TG (Pin J7): Top Gate Driver Output. In response to an
active high PWM signal, this pin will drive the gate of an
external series P-channel MOSFET device low. An internal
7V clamp protects the PFET gate. This pin can also be used
to disconnect the load when RUN is pulled low. Leave TG
unconnected if not used.
PWM (Pin K1): Pulse Width Modulation Input Pin. A low
signal turns off the LED string, disables the main switch
and pulls the TG pin high. Drive above 1.55V to deliver
current to the output. Tie the PWM pin to the RUN pin if
not used. There is an equivalent 50k resistor from PWM
pin to ground internally.
CTL (Pin L2): LED Current Adjustment Pin. Apply a voltage
between approximately 1V and 0V to modulate the LED+
output current, or tie a resistor to GND to modulate the
LED+ current. CTL is internally tied to a 2V precision refer-
ence via a 20k 1% resistor. Leave floating if unused.
TGEN (Pin L3): Top Gate (TG) Enable Input Pin. Tie to 1.5V
or higher to enable the P-channel MOSFET driver function.
Tie the TGEN pin to ground if the TG function is not used.
There is an internal 40k resistor from TGEN to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com