Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD4591E6 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTD4591E6
Description  DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD4591E6 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTD4591E6 Datasheet HTML 1Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 2Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 3Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 4Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 5Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 6Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ISSUE 1 - JULY 2000
ZXTD4591E6
PNP TRANSISTOR
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-80
V
IC=-100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-60
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
V
IE=-100 A
Collector Cut-Off Current
ICBO
-100
nA
VCB=-60V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-4V
Collector Emitter Cut-Off Current
ICES
-100
nA
VCES=-60V
Collector-Emitter Saturation
Voltage
VCE(sat)
-0.3
-0.6
V
V
IC=-500mA, IB=-50mA*
IC=-1A, IB=-100mA*
Base-Emitter Saturation Voltage
VBE(sat)
-1.2
V
IC=-1A, IB=-100mA*
Base-Emitter Turn-On Voltage
VBE(on)
-1.0
V
IC=-1A, VCE=-5V*
Static Forward Current Transfer
Ratio
hFE
100
100
80
15
300
IC=-1mA, VCE=-5V*
IC=-500mA, VCE=-5V*
IC=-1A, VCE=-5V*
IC=-2A, VCE=-5V*
Transition Frequency
fT
150
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
10
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com