Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD4591E6TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTD4591E6TC
Description  DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD4591E6TC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTD4591E6TC Datasheet HTML 1Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 2Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 3Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 4Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 5Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 6Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ISSUE 1 - JULY 2000
ZXTD4591E6
NPN
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
80
V
IC=100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
60
V
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
5V
IE=100 A
Collector Cut-Off Current
ICBO
100
nA
VCB=60V
Emitter Cut-Off Current
IEBO
100
nA
VEB=4V
Collector Emitter Cut-Off Current
ICES
100
nA
VCES=60V
Collector-Emitter Saturation
Voltage
VCE(sat)
0.25
0.5
V
V
IC=500mA, IB=50mA*
IC=1A, IB=100mA*
Base-Emitter Saturation Voltage
VBE(sat)
1.1
V
IC=1A, IB=100mA*
Base-Emitter Turn-On Voltage
VBE(on)
1.0
V
IC=1A, VCE=5V*
Static Forward Current Transfer
Ratio
hFE
100
100
80
30
300
IC=1mA, VCE=5V*
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
IC=2A, VCE=5V*
Transition Frequency
fT
150
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
10
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com