Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP2009Z Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP2009Z
Description  40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2009Z Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP2009Z Datasheet HTML 1Page - Diodes Incorporated ZXTP2009Z Datasheet HTML 2Page - Diodes Incorporated ZXTP2009Z Datasheet HTML 3Page - Diodes Incorporated ZXTP2009Z Datasheet HTML 4Page - Diodes Incorporated ZXTP2009Z Datasheet HTML 5Page - Diodes Incorporated ZXTP2009Z Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTP2009Z
SEMICO NDUC TORS
ISSUE 1 - JUNE 2005
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-base breakdown voltage
BVCBO
-50
-90
V
IC=-100 A
Collector-emitter breakdown voltage
BVCES
-50
-90
V
IC=-100 A
Collector-emitter breakdown voltage
BVCEO
-40
-58
V
IC=-10mA*
Emitter-base breakdown voltage
BVEBO
-7.5
-8.3
V
IE=-100 A
Collector cut-off current
ICBO
1
-20
nA
VCB=-40V
Collector cut-off current
ICES
1
-20
nA
VCB=-32V
Emitter cut-off current
IEBO
1
-20
nA
VEB=-6V
Collector-emitter saturation voltage
VCE(SAT)
-15
-44
-50
-120
-70
-125
-130
-162
-30
-60
-70
-165
-80
-175
-175
-185
mV
mV
mV
mV
mV
mV
mV
mV
IC=-0.1A, IB=-10mA*
I
C=-1A, IB=-100mA*
I
C=-1A, IB=-50mA*
I
C=-1A, IB=-10mA*
I
C=-2A, IB=-200mA*
I
C=-2A, IB=-40mA*
I
C=-3.5A, IB=-175mA*
I
C=-5.5A, IB=-550mA*
Base-emitter saturation voltage
VBE(SAT)
-820
-1000
-900
-1075
mV
mV
IC=-2A, IB=-40mA*
I
C=-5.5A, IB=-550mA*
Base-emitter turn-on voltage
VBE(ON)
-778
-869
-850
-950
mV
mV
IC=-2A, VCE=-2V*
I
C=-5.5A, VCE=-2V*
Static forward current transfer ratio
HFE
200
200
170
110
390
350
290
175
550
IC=-10mA, VCE=-2V*
I
C=-0.5A, VCE=-2V*
I
C=-2A, VCE=-2V*
I
C=-5.5A, VCE=-2V*
Transition frequency
fT
152
MHz IC=-50mA, VCE=-10V
f=100MHz
Output capacitance
COBO
53
pF
VCB=-10V, f=1MHz*
Switching times
td
tr
ts
tr
18
17
325
60
ns
IC=-1A, VCC=-10V,
IB1=IB2=-100mA
Switching times
td
tr
ts
tr
55
107
264
103
ns
IC=-2A, VCC=-30V,
IB1=IB2=-20mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
* Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com