Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP5401FL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP5401FL
Description  150V, SOT23, PNP High voltage transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP5401FL Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP5401FL Datasheet HTML 1Page - Diodes Incorporated ZXTP5401FL Datasheet HTML 2Page - Diodes Incorporated ZXTP5401FL Datasheet HTML 3Page - Diodes Incorporated ZXTP5401FL Datasheet HTML 4Page - Diodes Incorporated ZXTP5401FL Datasheet HTML 5Page - Diodes Incorporated ZXTP5401FL Datasheet HTML 6Page - Diodes Incorporated ZXTP5401FL Datasheet HTML 7Page - Diodes Incorporated ZXTP5401FL Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXTP5401FL
Issue 1 - August 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
NOTES:
(a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz weight
copper, in still air conditions.
Parameter
Symbol
Limit
Unit
Collector-base voltage
VCBO
-160
V
Collector-emitter voltage
VCEO
-150
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current(a)
IC
-600
mA
Pulsed collector current
ICM
-1
A
Power dissipation at Tamb =25°C(a)
PD
330
mW
Linear derating factor
2.64
mW/°C
Operating and storage temperature range
Tj, Tstg
-55 to 150
°C
Thermal resistance
Parameter
Symbol
Limit
Unit
Junction to ambient(a)
R JA
379
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com