Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP07040DFF Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXTP07040DFF
Description  40V, SOT23F, PNP medium power transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP07040DFF Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXTP07040DFF Datasheet HTML 1Page - Diodes Incorporated ZXTP07040DFF Datasheet HTML 2Page - Diodes Incorporated ZXTP07040DFF Datasheet HTML 3Page - Diodes Incorporated ZXTP07040DFF Datasheet HTML 4Page - Diodes Incorporated ZXTP07040DFF Datasheet HTML 5Page - Diodes Incorporated ZXTP07040DFF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZXTP07040DFF
Issue 1 - September 2006
6
www.zetex.com
© Zetex Semiconductors plc 2006
For international sales offices visit www.zetex.com/offices
Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Europe
Zetex GmbH
Kustermann-park
Balanstraße 59
D-81541 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone: (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Package outline - SOT23F
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
A
0.80
1.00
0.0315
0.0394
E
2.30
2.50
0.0906
0.0984
A1
0.00
0.10
0.00
0.0043
E1
1.50
1.70
0.0590
0.0669
b
0.35
0.45
0.0153
0.0161
E2
1.10
1.26
0.0433
0.0496
c
0.10
0.20
0.0043
0.0079
L
0.48
0.68
0.0189
0.0268
D
2.80
3.00
0.1102
0.1181
L1
0.30
0.50
0.0153
0.0161
e
0.95 ref
0.0374 ref
R
0.05
0.15
0.0019
0.0059
e1
1.80
2.00
0.0709
0.0787
O
0°
12°
0°
12°
D
L1
c
A1
b
R
bb
E1
E
e1
e
L
A
E2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com