Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP19020CFF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP19020CFF
Description  20V, SOT23F, PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19020CFF Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP19020CFF Datasheet HTML 1Page - Diodes Incorporated ZXTP19020CFF Datasheet HTML 2Page - Diodes Incorporated ZXTP19020CFF Datasheet HTML 3Page - Diodes Incorporated ZXTP19020CFF Datasheet HTML 4Page - Diodes Incorporated ZXTP19020CFF Datasheet HTML 5Page - Diodes Incorporated ZXTP19020CFF Datasheet HTML 6Page - Diodes Incorporated ZXTP19020CFF Datasheet HTML 7Page - Diodes Incorporated ZXTP19020CFF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXTP19020CFF
Issue 1 - February 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit Conditions
Collector-base breakdown
voltage
BVCBO
-25
-45
V
IC = -100 A
Collector-emitter breakdown
voltage (base open)
BVCEO
-20
-30
V
IC = -10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-base breakdown voltage BVEBO
-7
-8.3
V
IE = -100 A
Emitter-collector breakdown
voltage (reverse blocking)
BVECX
-6
-8.3
V
IE = -100 A, RBC 1k or
0.25V < VBC < -0.25V
Emitter-collector breakdown
voltage (base open)
BVECO
-5
-8.5
V
IE = -100 A,
Collector-base cut-off current
ICBO
<-1
-50
nA
VCB = -20V
-20
AVCB = -20V, Tamb= 100°C
Emitter-base cut-off current
IEBO
<-1
-50
nA
VEB = -5.6V
Collector-emitter saturation
voltage
VCE(sat)
-30
-40
mV
IC = -1A, IB = -100mA(*)
-50
-70
mV
IC = -1A, IB = -20mA(*)
-75
-120
mV
IC = -2A, IB = -40mA(*)
-105
-135
mV
IC = -5A, IB = -500mA(*)
Base-emitter saturation voltage VBE(sat)
-925
-1050
mV
IC = -5A, IB = -500mA(*)
Base-emitter turn-on voltage
VBE(on)
-815
-950
mV
IC = -5A, VCE = -2V(*)
Static forward current transfer
ratio
hFE
200
350
500
IC = -100mA, VCE = -2V(*)
170
300
IC = -1A, VCE = -2V(*)
110
180
IC = -5A, VCE = -2V(*)
Transition frequency
fT
200
MHz IC = -50mA, VCE = -10V
f = 100MHz
Output capacitance
Cobo
52
70
pF
VCB = -10V, f = 1MHz(*)
Delay time
td
66.8
ns
VCC = -15V.
IC = -750mA,
IB1 = 15mA, IB2= -15mA.
Rise time
tr
74.9
ns
Storage time
ts
226
ns
Fall time
tf
85.5
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com