Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP19020DFF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP19020DFF
Description  20V, SOT23F, PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19020DFF Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP19020DFF Datasheet HTML 1Page - Diodes Incorporated ZXTP19020DFF Datasheet HTML 2Page - Diodes Incorporated ZXTP19020DFF Datasheet HTML 3Page - Diodes Incorporated ZXTP19020DFF Datasheet HTML 4Page - Diodes Incorporated ZXTP19020DFF Datasheet HTML 5Page - Diodes Incorporated ZXTP19020DFF Datasheet HTML 6Page - Diodes Incorporated ZXTP19020DFF Datasheet HTML 7Page - Diodes Incorporated ZXTP19020DFF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXTP19020DFF
Issue 1 - September 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated).
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
-25
-55
V
IC = -100 A
Collector-emitter breakdown
voltage (base open)
BVCEO
-20
-50
V
IC = -10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-collector breakdown
voltage (reverse blocking)
BVECX
-4
-8.6
V
IE = -100 A, RBC < 1kΩ or
0.25V > VBC > -0.25V
Emitter-collector breakdown
voltage (base open)
BVECO
-4
-8.6
V
IE = -100 A
Emitter-base breakdown
voltage
BVEBO
-7
-8.2
V
IE = -100 A
Collector-base cut-off current
ICBO
<-1
-50
-0.5
nA
A
VCB = -25V
VCB = -25V, Tamb= 100°C
Emitter-base cut-off current
IEBO
<-1
-50
nA
VEB = -5.6V
Collector-emitter saturation
voltage
VCE(sat)
-37
-44
mV
IC = -1A, IB = -100mA(*)
-90
-125
mV
IC = -1A, IB = -10mA(*)
-105
-140
mV
IC = -2A, IB = -40mA(*)
-160
-210
mV
IC = -5A, IB = -250mA(*)
-145
-175
mV
IC = -5.5A, IB = -550mA(*)
Base-emitter saturation
voltage
VBE(sat)
-975
-1050
mV
IC = -5.5A, IB = -550mA(*)
Base-emitter turn-on voltage
VBE(on)
-830
-900
mV
IC = -5.5A, VCE = -2V(*)
Static forward current
transfer ratio
hFE
300
450
900
IC = -100mA, VCE = -2V(*)
200
310
IC = -2A, VCE = -2V(*)
85
130
IC = -5.5A, VCE = -2V(*)
25
50
IC = -10A, VCE = -2V(*)
20
IC = -15A, VCE = -2V(*)
Transition frequency
fT
176
MHz
IC = -50mA, VCE = -10V
f = 50MHz
Input capacitance
Cibo
400
pF
VEB = -0.5V, f = 1MHz(*)
Output capacitance
Cobo
36
45
pF
VCB = -10V, f = 1MHz(*)
Delay time
td
23
ns
IC = -1A, VCC = -10V
IB1 = -IB2= -50mA.
Rise time
tr
18.4
ns
Storage time
ts
266
ns
Fall time
tf
49.6
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com