Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP19020DZ Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXTP19020DZ
Description  20V PNP high gain transistor in SOT89
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19020DZ Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXTP19020DZ Datasheet HTML 1Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 2Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 3Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 4Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 5Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 6Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 7Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXTP19020DZ
Issue 1- February 2008
7
www.zetex.com
© Zetex Semiconductors plc 2008
Package outline - SOT89
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
1.40
1.60
0.550
0.630
E
2.29
2.60
0.090
0.102
B
0.44
0.56
0.017
0.022
E1
2.13
2.29
0.084
0.090
B1
0.36
0.48
0.014
0.019
e
1.50 BSC
0.059 BSC
C
0.35
0.44
0.014
0.017
e1
3.00 BSC
0.118 BSC
D
4.40
4.60
0.173
0.181
H
3.94
4.25
0.155
0.167
D1
1.52
1.83
0.064
0.072
L
0.89
1.20
0.035
0.047
D1
D
A
C
B1
L
E
H
E1
B
e
e1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com