Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP19100CFF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP19100CFF
Description  100V, SOT23F, PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19100CFF Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP19100CFF Datasheet HTML 1Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 2Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 3Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 4Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 5Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 6Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 7Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXTP19100CFF
Issue 1 - October 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated).
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-Base Breakdown
Voltage
BVCBO
-110
-135
V
IC = -100 A
Collector-Emitter
Breakdown Voltage (Base
open)
BVCEX
-110
-135
V
IC = -100 A, RBC < 1kΩ or
0.25V > VBC > -0.25V
Collector-Emitter
Breakdown Voltage (Base
open)
BVCEO
-100
-135
V
IC = -10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width ≤ 300 s; duty cycle ≤ 2%.
Emitter-Base Breakdown
Voltage
BVEBO
-7
-8.3
V
IE = -100 A
Emitter-Collector
Breakdown Voltage
(Reverse Blocking)
BVECX
-7
-8.3
V
IE = -100 A, RBC < 1k or
0.25V > VBC > -0.25V
Emitter-Collector
Breakdown Voltage (Base
open)
BVECO
-7
-8.7
V
IE = -100 A
Collector-Base Cut-Off
Current
ICBO
<-1
-50
-0.5
nA
A
VCB = -110V
VCB = -110V, Tamb= 100°C
Emitter-Base Cut-Off
Current
IEBO
<-1
-50
nA
VEB = -5.6V
Collector-Emitter
Saturation Voltage
VCE(sat)
-100
-95
-175
-215
-130
-120
-225
-275
mV
mV
mV
mV
IC = -0.5A, IB = -20mA(*)
IC = -1A, IB = -100mA(*)
IC = -1A, IB = -50mA(*)
IC = -2A, IB = -200mA(*)
Base-Emitter Saturation
Voltage
VBE(sat)
-870
-950
mV
IC = -2A, IB = -200mA(*)
Base-Emitter Turn-On
Voltage
VBE(on)
-810
-
900
mV
IC = -2A, VCE = -2V(*)
Static Forward Current
Transfer Ratio
hFE
200
70
20
330
135
30
500
IC = -100mA, VCE = -2V(*)
IC = -1A, VCE = -2V(*)
IC = -2A, VCE = -2V(*)
Transition Frequency
fT
142
MHz
IC = -100mA, VCE = -10V
f = 50MHz
Input Capacitance
Cibo
291
400
pF
VEB = -0.5V, f = 1MHz(*)
Output Capacitance
Cobo
23.5
pF
VCB = -10V, f = 1MHz(*)
Delay Time
td
24.7
ns
IC = -500mA, VCC = -10V
IB1 = -IB2= -50mA
Rise Time
tr
22.4
ns
Storage Time
ts
660
ns
Fall Time
tf
107
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com