Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4116 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC4116
Description  General Purpose Transistor NPN Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC4116 Datasheet(HTML) 1 Page - Weitron Technology

  2SC4116 Datasheet HTML 1Page - Weitron Technology 2SC4116 Datasheet HTML 2Page - Weitron Technology 2SC4116 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
* High voltage and high current
* Excellent hFE linearity
* High hFE
* Low noise
* Complementary to 2SA1586
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
VCBO
Collector-Base Voltage
60
VCEO
Collector-Emitter Voltage
50
150
100
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
150
-55 to +150
VEBO
Emitter-Base Voltage
5
IC
Collector Current -Continuous
PC
Collector Power Dissipation
TJ
Junction Temperature
℃
Tstg
Junction and Storage Temperature
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
T
I
N
U
X
A
M
P
Y
T
N
I
M
s
n
o
i
t
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Collector-base breakdown voltage
V(BR)CBO
IC=100
μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100
μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V,IC=2mA
70
700
Collector-emitter saturation voltage
VCE(sat)
IC=100mA,IB=10mA
0.25
V
Transition frequency
fT
VCE=10V,IC=1mA,
80
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
3.5
pF
Noise figure
NF
VCE=6V,Ic=0.1mA,
f=1KHZ,Rg=10K
Ω
10
dB
CLASSIFICATION OF hFE
Rank
L
B
R
G
Y
O
Range
70-140
120-240
200-400
350-700
Marking
LO
LY
LG
LL
1
2
3
2SC4116
SOT-323(SC-70)
1
BASE
COLLECTOR
EMITTER
3
2
General Purpose Transistor
NPN Silicon
Lead(Pb)-Free
P b
http://www.weitron.com.tw
WEITRON
1/3
25-Jun-08
Parameter
Value
Units
V
V
V
mA
mW


Similar Part No. - 2SC4116

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4116 TOSHIBA-2SC4116 Datasheet
211Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4116 TOSHIBA-2SC4116 Datasheet
641Kb / 4P
Silicon NPN Epitaxial Type (PCT process)
logo
Guangdong Kexin Industr...
2SC4116 KEXIN-2SC4116 Datasheet
47Kb / 1P
Silicon NPN Epitaxial
logo
SeCoS Halbleitertechnol...
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4116 HTSEMI-2SC4116 Datasheet
840Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - 2SC4116

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com