Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTPS720MCTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTPS720MCTA
Description  40V PNP LOW SATURATION TRANSISTOR AND
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTPS720MCTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTPS720MCTA Datasheet HTML 1Page - Diodes Incorporated ZXTPS720MCTA Datasheet HTML 2Page - Diodes Incorporated ZXTPS720MCTA Datasheet HTML 3Page - Diodes Incorporated ZXTPS720MCTA Datasheet HTML 4Page - Diodes Incorporated ZXTPS720MCTA Datasheet HTML 5Page - Diodes Incorporated ZXTPS720MCTA Datasheet HTML 6Page - Diodes Incorporated ZXTPS720MCTA Datasheet HTML 7Page - Diodes Incorporated ZXTPS720MCTA Datasheet HTML 8Page - Diodes Incorporated ZXTPS720MCTA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXTPS720MC
Document Number DS31938 Rev. 2 - 2
2 of 10
www.diodes.com
January 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTPS720MC
Maximum Ratings, Transistor
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-7.5
V
Peak Pulse Current
ICM
-4
A
Continuous Collector Current (Notes a and f)
IC
-3
A
Base Current
IB
1
A
Thermal Characteristics, Transistor
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = 25°C (Notes a and f)
Linear Derating Factor
PD
1.5
12
W
mW/
°C
Power Dissipation at TA = 25°C (Notes b and f)
Linear Derating Factor
PD
2.45
19.6
W
mW/
°C
Power Dissipation at TA = 25°C (Notes c and f)
Linear Derating Factor
PD
1
8
W
mW/
°C
Power Dissipation at TA = 25°C (Notes d and f)
Linear Derating Factor
PD
1.13
9
W
mW/
°C
Power Dissipation at TA = 25°C (Notes d and g)
Linear Derating Factor
PD
1.7
13.6
W
mW/
°C
Power Dissipation at TA = 25°C (Notes e and g)
Linear Derating Factor
PD
3
24
W
mW/
°C
Junction to Ambient (Notes a and f)
RθJA
83
°C/W
Junction to Ambient (Notes b and f)
RθJA
51
°C/W
Junction to Ambient (Notes c and f)
RθJA
125
°C/W
Junction to Ambient (Notes d and f)
RθJA
111
°C/W
Junction to Ambient (Notes d and g)
RθJA
73.5
°C/W
Junction to Ambient (Notes e and g)
RθJA
41.7
°C/W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
a. For a dual device surface mounted on 8 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The copper
area is split down the centre line into two separate areas with one half connected to each half of the dual device.
b. Measured at t <5 secs for a dual device surface mounted on 8 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with all exposed pads
attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
c. For a dual device surface mounted on 8 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with minimal lead connections only.
d. For a dual device surface mounted on 10 sq cm single sided 1 oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The
copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
e. For a dual device surface mounted on 85 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The
copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
f. For a dual device with one active die.
g. For dual device with 2 active die running at equal power.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com