Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B550 Datasheet(PDF) 3 Page - Weitron Technology

Part # B550
Description  Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B550 Datasheet(HTML) 3 Page - Weitron Technology

  B550 Datasheet HTML 1Page - Weitron Technology B550 Datasheet HTML 2Page - Weitron Technology B550 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.2 MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3ms
SINGLE MALF-SINE-WAVE
(JEDEC METHOD)
1
2
5
10
20
50
100
300
200
100
0
50
150
250
WEITRON
B520 thru B560
http://www.weitron.com.tw
FIG.3 TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
100
10
1.0
0.1
0
0.2
0.4
0.6
0.8
1.0
B520 to B540
B550 to B560
TJ=25 C
PULSEWIDTH:300us
2% Duty Cycle
FIG.1 FORDWARD CURRENT DERATING CURVE
LEAD TEMPERATURE , C
20
40
60
80
100
120
140
SIGNE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0
1.0
2.0
3.0
4.0
5.0
REVERSE VOLTAGE , (VOLTS)
0.1
1.0
4.0
10.0
100
TJ=25 C F=1MHz
1000
100
10
FIG.4 TYPICAL JUNCTION CAPACITANCE
FIG.5 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
TJ=125 C
TJ=100 C
TJ=25 C
3/3
Rev.B 10-Jul-09



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com