Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21S Datasheet(PDF) 2 Page - Weitron Technology

Part # BAS21S
Description  Surface Mount Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS21S Datasheet(HTML) 2 Page - Weitron Technology

  BAS21S Datasheet HTML 1Page - Weitron Technology BAS21S Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Ratings (TJ=125˚C Unless otherwise noted)
Characteristic
Reverse Voltage
Forward Current
Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
Symbol
VR
IF
PD
TJ
Tstg
Value
Unit
250
200
250
-55 to +150
-55 to +150
V
mA
mW
°C
Electrical Characteristics (TJ=125˚C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage
IR=100µA
Forward Voltage
IF=100mA
IF=200mA
Total Capacitance
VR=0V, f=1.0MHz
Reverse Leakage
VR=200V
Reverse Recover Time
V(BR)
VF
CD
IR
Trr
Min
Max
Unit
250
-
-
-
-
-
1.0
1.25
5.0
0.1
50
V
V
pF
µA
nS
Device Marking
Item
1
2
3
1
2
3
BAS21A
BAS21C
BAS21S
JS2
JS3
JS4
1
2
3
Marking
Eqivalent Circuit diagram
http://www.weitron.com.tw
WEITRON
°C
BAS21A/C/S
2/2
Rev.A 27-Aug-09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com