Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS116 Datasheet(PDF) 1 Page - Weitron Technology

Part # BAS116
Description  Surface Mount Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS116 Datasheet(HTML) 1 Page - Weitron Technology

  BAS116 Datasheet HTML 1Page - Weitron Technology BAS116 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
B
D
E
G
M
L
H
J
TOP VIEW
A
B
C
D
E
G
H
J
K
L
M
0.35
1.19
2.10
0.85
0.46
1.70
2.70
0.01
0.89
0.30
0.076
0.51
1.40
3.00
1.05
1.00
2.10
3.10
0.13
1.10
0.61
0.25
K
C
1
2
3
Surface Mount Switching Diodes
BAS116
SWITCHING DIODE
225m AMPERES
75 VOLTS
Lead(Pb)-Free
P b
SOT-23 Outline Dimensions
1/2
28-May-07
Dim
Min
Max
http://www.weitron.com.tw
WEITRON
SOT-23
Unit:mm
*Case: SOT-23, Molded Plastic
*Terminals: Solderable per MIL-STD-202, Method 208
*Polarity: See diagram
*Weight: 0.008 grams
Mechanical Data:
*Fast Switching Speed
*Surface Mount Package Ideally Suited for Automatic Insertion
*High Conductance
*For General Purpose Switching Applications
Features:


Similar Part No. - BAS116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS116 PHILIPS-BAS116 Datasheet
52Kb / 8P
Low-leakage diode
1999 May 26
logo
Siemens Semiconductor G...
BAS116 SIEMENS-BAS116 Datasheet
98Kb / 4P
Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAS116 INFINEON-BAS116 Datasheet
444Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
344Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
More results

Similar Description - BAS116

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com