Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF201-22 Datasheet(PDF) 2 Page - Semtech Corporation

Part # STF201-22
Description  USB Downstream Port Filter & TVS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF201-22 Datasheet(HTML) 2 Page - Semtech Corporation

  STF201-22_04 Datasheet HTML 1Page - Semtech Corporation STF201-22_04 Datasheet HTML 2Page - Semtech Corporation STF201-22_04 Datasheet HTML 3Page - Semtech Corporation STF201-22_04 Datasheet HTML 4Page - Semtech Corporation STF201-22_04 Datasheet HTML 5Page - Semtech Corporation STF201-22_04 Datasheet HTML 6Page - Semtech Corporation STF201-22_04 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
STF201-22 & STF201-30
Absolute Maximum Rating
Electrical Characteristics
g
n
it
a
Rl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
r
e
w
o
P
e
t
a
t
S
-
y
d
a
e
t
SP
k
p
0
0
1W
m
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
e
g
r
a
h
c
s
i
D
ri
A
D
S
E
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
e
g
r
a
h
c
s
i
D
t
c
a
t
n
o
C
D
S
E
V
D
S
E
5
1
8
V
k
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
LT
L
).
c
e
s
0
1
(
0
6
2C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-C
°
x
x
-
1
0
2
F
T
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
R
S
V
TV
M
W
R
5
2
.
5V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
S
V
TV
R
B
I
t
A
m
1
=6
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
S
V
TI
R
V
M
W
R
C
°
5
2
=
T
,
V
5
2
.
5
=
V
n
e
e
w
t
e
B
S
U
B
d
n
u
o
r
G
d
n
a
n
i
p
5A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
S
V
TI
R
V
M
W
R
C
°
5
2
=
T
,
V
3
.
3
=
n
i
p
)-
D
,
+
D
(
a
t
a
d
y
n
a
n
e
e
w
t
e
B
.
d
n
u
o
r
G
d
n
a
1A
µ
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
S
V
TC
j
,
d
n
u
o
r
G
d
n
a
s
n
i
p
O
/
I
n
e
e
w
t
e
B
e
c
i
v
e
d
h
c
a
e
V
R
z
H
M
1
=
f
,
V
0
=
0
1F
p
)
2
2
-
1
0
2
F
T
S
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
SR
S
e
n
i
L
h
c
a
E0
22
24
2
Ω
)
0
3
-
1
0
2
F
T
S
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
SR
S
e
n
i
L
h
c
a
E7
20
33
3
Ω
e
c
n
a
t
s
i
s
e
R
n
w
o
d
ll
u
PR
D
P
e
n
i
L
h
c
a
E5
.
3
15
15
.
6
1k
Ω
r
o
ti
c
a
p
a
CC
e
n
i
L
h
c
a
E7
4F
p
e
c
n
a
ti
c
a
p
a
C
l
a
t
o
TC
T
O
T
o
t
t
u
p
t
u
O
r
o
t
u
p
n
I
n
e
e
w
t
e
B
d
n
u
o
r
G
V
R
z
H
M
1
=
f
,
V
0
=
0
6F
p



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com