Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7461 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC7461
Description  Infrared Remote Control Transmitter IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7461 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC7461 Datasheet HTML 1Page - Sanyo Semicon Device LC7461 Datasheet HTML 2Page - Sanyo Semicon Device LC7461 Datasheet HTML 3Page - Sanyo Semicon Device LC7461 Datasheet HTML 4Page - Sanyo Semicon Device LC7461 Datasheet HTML 5Page - Sanyo Semicon Device LC7461 Datasheet HTML 6Page - Sanyo Semicon Device LC7461 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics at Ta = 25°C, VDD = 3.0 V
Parameter
Symbol
Pin Name
Conditions
min
typ
max
Unit
Operating supply
current
IDD
VDD
Key ON, output: no load
1
mA
Quiescent supply
current
IDS
VDD
All keys OFF, OSC stop
1
µA
Output high-level
current
IOH1
OUT
VDD = 1.8 V, VOH = 1.0 V
–8
mA
IOH2
OUT
VDD = 3.0 V, VOH = 1.0 V
–25
mA
Output high-level
voltage
VOH
KO0toKO7IOH = –0.1 mA
0.3
V
Output low-level
voltage
VOL
OUT
IOL = 0.1 mA
0.3
V
Output OFF-state
leakage current
IOFF
KO0toKO71
µA
Input high-level current
IIH
C0 to C5
VIN =VDD
1µA
Input low-level current
IIL
C0 to C5
VIN =VSS
–1
µA
Input floating voltage
VIF
KI0toKI3
0.1 VDD
V
Input pull down
resistance
RIN
KI0toKI3
75
100
125
k
Ω
Internal Block Diagram
Key
output
timing
signal
generator
Output
circuit
Oscillator
Divider
Decoder
Key
entry
circuit
Key data
register
Custom code
register
LC7461M
No.2119-2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com