Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC144WE Datasheet(PDF) 3 Page - Weitron Technology

Part # DTC144WE
Description  Bias Resistor Transistor NPN Silicon
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTC144WE Datasheet(HTML) 3 Page - Weitron Technology

  DTC144WE Datasheet HTML 1Page - Weitron Technology DTC144WE Datasheet HTML 2Page - Weitron Technology DTC144WE Datasheet HTML 3Page - Weitron Technology DTC144WE Datasheet HTML 4Page - Weitron Technology DTC144WE Datasheet HTML 5Page - Weitron Technology DTC144WE Datasheet HTML 6Page - Weitron Technology DTC144WE Datasheet HTML 7Page - Weitron Technology DTC144WE Datasheet HTML 8Page - Weitron Technology DTC144WE Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
WEITRON
http://www.weitron.com.tw
Characteristics
Symbol
(TA=25 C Unless Otherwise noted)
DTC114EE Series
3/13
12-Jun-06
DTC114EE
DTC124EE
DTC144EE
DTC114YE
DTC114TE
DTC143TE
DTC123EE
DTC143EE
DTC143ZE
DTC124XE
DTC123JE
DTC115EE
DTC144WE
WEITRON
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
60
100
140
140
250
250
15
27
140
130
140
150
140
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
DC Current Gain
VCE=-10V, IC=5.0mA
DTC114EE
DTC124EE
DTC144EE
DTC114YE
DTC114TE
DTC143TE
DTC123EE
DTC143EE
DTC143ZE
DTC124XE
DTC123JE
DTC115EE
DTC144WE
DTC123EE
DTC114TE / DTC143TE
DTC143ZE / DTC124XE
DTC143EE
VCE(sat)
-
-
0.25
-
Collector-Emitter Saturation Voltage
IC=10mA, IE=0.3mA
IC=10mA, IE=5.0mA
IC=10mA, IE=1.0mA
On Characteristics(3)
Output Voltage(on)
VCC=5.0V, VB=2.5V RL=1.0KΩ
V
VOL
-
-
0.2
VCC=5.0V, VB=4.0V RL=1.0KΩ
VCC=5.0V, VB=5.5V RL=1.0KΩ
VCC=5.0V, VB=3.5V RL=1.0KΩ
Min
Typ
Max
Unit
Electrical Characteristics
3. Pulse Test: Pulse Width < 300us, Duty Cycle < 2.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com