Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M8550LT1 Datasheet(PDF) 2 Page - Weitron Technology

Part # M8550LT1
Description  PNP General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

M8550LT1 Datasheet(HTML) 2 Page - Weitron Technology

  M8550LT1 Datasheet HTML 1Page - Weitron Technology M8550LT1 Datasheet HTML 2Page - Weitron Technology M8550LT1 Datasheet HTML 3Page - Weitron Technology M8550LT1 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CLASSIFICATION OF hFE(1)
Rank
Range
P
S
100-200
300-600
Q
150-300
R
200-400
Marking
85P
1YD
1YF
1YH
DC Current Gain
(IC=100 mAdc,VCE=1.0 Vdc)
Collector-Emitter Saturation Voltage
(IC=800 mAdc, IB=80mAdc)
hFE
VCE(sat)
-
-
Vdc
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
M8550LT1
(1)
100
600
0.5
Min
Max
2/4
15-Jul-10
WEITRON
http://www.weitron.com.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com