Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM19 Datasheet(PDF) 1 Page - Weitron Technology

Part # MM19
Description  Surface Mount Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MM19 Datasheet(HTML) 1 Page - Weitron Technology

  MM19 Datasheet HTML 1Page - Weitron Technology MM19 Datasheet HTML 2Page - Weitron Technology MM19 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Schottky Diodes
MINI-MELF Outline Dimensions
* High surge current capability
* High current capability
* Low forward voltage drop
* For use in low voltage, high frequency inverters
free wheeling ,and polarity protection applications
* Mounting Position: Any
* Polarity: Color band denotes cathode end
* Case: MiniMELF, molded plastic body
* Terminals: Solder plated, solderable per MIL-STD-750,
method 2026
Mechanical Data:
Features:
WEITRON
http://www.weitron.com.tw
MM17 thru MM110
SMALL SIGNAL
SCHOTTKY DIODES
1.0 AMPERES
20-100 VOLTS
MINI-MELF
Unit:mm
A
B
C
Dim
A
B
C
Min
3.30
1.30
0.28
Max
3.70
1.60
0.50
MINI MELF
26-Jan-2011
1/3


Similar Part No. - MM19

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM19 WEITRON-MM19 Datasheet
161Kb / 3P
Surface Mount Schottky Diodes
logo
Microsemi Corporation
MM196 MICROSEMI-MM196 Datasheet
66Kb / 1P
6 MOSFET Multi-Chip Module
More results

Similar Description - MM19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB501V-40-AU PANJIT-RB501V-40-AU Datasheet
77Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54FN2-AU PANJIT-BAT54FN2-AU_17 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54WS-AU PANJIT-BAT54WS-AU_17 Datasheet
198Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100AS PANJIT-BAS100AS Datasheet
149Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100CS PANJIT-BAS100CS Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com