Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z8V2 Datasheet(PDF) 3 Page - Weitron Technology

Part # MM5Z8V2
Description  Surface Mount Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MM5Z8V2 Datasheet(HTML) 3 Page - Weitron Technology

  MM5Z8V2 Datasheet HTML 1Page - Weitron Technology MM5Z8V2 Datasheet HTML 2Page - Weitron Technology MM5Z8V2 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MM5Z2V4 Series
WE IT R ON
E L E C T R IC A L C HA R A C T E R IS T IC S(TA = 25 C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Zener Voltage (Note 1)
Zener Impedance
L eakage C urrent
VZ
C
Device
V Z (Volts )
@ I ZT
ZZT
@ I ZT
ZZK @ I ZK
IR @ VR
VZ
(mV /k)
@ I ZT
C
@ V R =0
f=1MHz
Device
Device
Marking
Min
Nom
Max
mA
mA
Ω
Ω
uA
Volts
Min
Max
pF
MM5Z2V 4
00
2.2
2.4
2.6
5
100
1000
1.0
50
1.0
-3.5
0
450
MM5Z2V 7
01
2.5
2.7
2.9
5
100
1000
1.0
20
1.0
-3.5
0
450
MM5Z3V 0
02
2.8
3.0
3.2
5
100
1000
1.0
10
1.0
-3.5
0
450
MM5Z3V 3
05
3.1
3.3
3.5
5
95
1000
1.0
5
1.0
-3.5
0
450
MM5Z3V 6
06
3.4
3.6
3.8
5
90
1000
1.0
5
1.0
-3.5
0
450
MM5Z3V 9
07
3.7
3.9
4.1
5
90
1000
1.0
3
1.0
-3.5
-2.5
450
MM5Z4V 3
08
4.0
4.3
4.6
5
90
1000
1.0
3
1.0
-3.5
0
450
MM5Z4V 7
09
4.4
4.7
5.0
5
80
800
1.0
3
2.0
-3.5
0.2
260
MM5Z5V 1
0A
4.8
5.1
5.4
5
60
500
1.0
2
2.0
-2.7
1.2
225
MM5Z5V 6
0C
5.2
5.6
6.0
5
40
200
1.0
1
2.0
-2.0
2.5
200
MM5Z6V 2
0E
5.8
6.2
6.6
5
10
100
1.0
3
4.0
0.4
3.7
185
MM5Z6V 8
0F
6.4
6.8
7.2
5
15
160
1.0
2
4.0
1.2
4.5
155
MM5Z7V 5
0G
7.0
7.5
7.9
5
15
160
1.0
1
5.0
2.5
5.3
140
MM5Z8V 2
0H
7.7
8.2
8.7
5
15
160
1.0
0.7
5.0
3.2
6.2
135
MM5Z9V 1
0K
8.5
9.1
9.6
5
15
160
1.0
0.2
7.0
3.8
7.0
130
MM5Z10V
0L
9.4
10
10.6
5
20
160
1.0
0.1
8.0
4.5
8.0
130
MM5Z11V
0M
10.4
11
11.6
5
20
160
1.0
0.1
8.0
5.4
9.0
130
MM5Z12V
0N
11.4
12
12.7
5
25
80
1.0
0.1
8.0
6.0
10
130
MM5Z13V
0P
12.4
13.25
14.1
5
30
80
1.0
0.1
8.0
7.0
11
120
MM5Z15V
0T
14.3
15
15.8
5
30
80
1.0
0.05
10.5
9.2
13
110
MM5Z16V
0U
15.3
16.2
17.1
2
40
80
1.0
0.05
11.2
10.4
14
105
MM5Z18V
0W
16.8
18
19.1
2
45
80
1.0
0.05
12.6
12.4
16
100
MM5Z20V
0Z
18.8
20
21.2
2
55
100
1.0
0.05
14.0
14.4
18
85
MM5Z22V
10
20.8
22
23.3
2
55
100
1.0
0.05
15.4
16.4
20
85
MM5Z24V
11
22.8
24.2
25.6
2
70
120
1.0
0.05
16.8
18.4
22
80
MM5Z27V
12
25.1
27
28.9
2
80
300
1.0
0.05
18.9
21.4
25.3
70
MM5Z30V
14
28
30
32
2
80
300
1.0
0.05
21.0
24.4
29.4
70
MM5Z33V
18
31
33
35
2
80
300
1.0
0.05
23.2
27.4
33.4
70
MM5Z36V
19
34
36
38
2
90
500
1.0
0.05
25.2
30.4
37.4
70
MM5Z39V
20
37
39
41
2
130
500
1.0
0.05
27.3
33.4
41.2
45
MM5Z43V
21
40
43
46
1
150
500
1.0
0.05
30.1
37.6
46.6
40
MM5Z47V
1A
44
47
50
1
170
500
1.0
0.05
32.9
42.0
51.8
40
MM5Z51V
1C
48
51
54
1
180
500
1.0
0.05
35.7
46.6
57.2
40
MM5Z56V
1D
52
56
60
1
200
500
1.0
0.05
39.2
52.2
63.8
40
MM5Z62V
1E
58
62
66
1
215
500
1.0
0.05
43.4
58.8
71.6
35
MM5Z68V
1F
64
68
72
1
240
500
1.0
0.05
47.6
65.6
79.8
35
MM5Z75V
1G
70
75
79
1
255
500
1.0
0.05
52.5
73.4
88.6
35
1. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25 C .
WEITRON
3/3
Rev.A 15-oct-09
http://www.weitron.com.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com