Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTS050A0X Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # APTS050A0X
Description  GigaTLynxTM Non-isolated Power Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS050A0X Datasheet(HTML) 3 Page - Lineage Power Corporation

  APTS050A0X Datasheet HTML 1Page - Lineage Power Corporation APTS050A0X Datasheet HTML 2Page - Lineage Power Corporation APTS050A0X Datasheet HTML 3Page - Lineage Power Corporation APTS050A0X Datasheet HTML 4Page - Lineage Power Corporation APTS050A0X Datasheet HTML 5Page - Lineage Power Corporation APTS050A0X Datasheet HTML 6Page - Lineage Power Corporation APTS050A0X Datasheet HTML 7Page - Lineage Power Corporation APTS050A0X Datasheet HTML 8Page - Lineage Power Corporation APTS050A0X Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary Data Sheet
February 14, 2011
GigaTLynxTM SMT Non-isolated Power Modules:
4.5 – 14Vdc input; 0.7Vdc to 2.0Vdc, 50A Output
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
(VIN=VIN,nom, IO=IO, nom, Tref=25°C)
All
VO, set
-1.0
⎯
+1.0
% VO, set
Output Voltage
All
VO, set
-2.0
⎯
+2.0
% VO, set
(Over all operating input voltage, resistive load,
and temperature conditions until end of life)
Adjustment Range
All
VO
0.7
2.0
Vdc
Selected by an external resistor
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
⎯
5
mV
Load (IO=IO, min to IO, max)
All
⎯
8
mV
Temperature (Tref=TA, min to TA, max)
All
⎯
8
mV
Remote Sense Range
All
0.5
Vdc
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max
Cout = 1μF ceramic//10μF ceramic capacitors)
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
⎯
50
mVpk-pk
External Capacitance
1
Without the Tunable Loop
TM
ESR ≥ 1 mΩ
All
CO, max
⎯
⎯
1200
μF
ESR ≥ 10 mΩ
All
CO, max
⎯
⎯
10000
μF
With the Tunable Loop
ESR ≥ 1 mΩ
All
CO, max
⎯
⎯
20000
μF
ESR ≥ 10 mΩ
All
CO, max
⎯
⎯
20000
μF
Output Current
All
Io
0
50A
Adc
Output Current Limit Inception (Hiccup Mode )
All
IO, lim
⎯
180
⎯
% Io
Output Short-Circuit Current
All
IO, s/c
⎯
5.5
⎯
Adc
(VO≤250mV) ( Hiccup Mode )
Efficiency
VO, set = 0.7Vdc
η
81.1
%
VIN= 12V, TA=25°C
VO,set = 1.2Vdc
η
87.0
%
IO=IO, max , VO= VO,set
VO,set = 1.8Vdc
η
90.1
%
Switching Frequency
All
fsw
⎯
260
⎯
kHz
General Specifications
Parameter
Min
Typ
Max
Unit
Telcordia Issue 2, Method I, Case 3, Calculated MTBF (IO=IO, max,
TA=40°C)
4,755,661
Hours
Weight
⎯
14.22 (0.5)
g (oz.)
__________________________________
External capacitors may require using the new Tunable Loop
TM feature to ensure that the module is stable as well as
getting the best transient response. See the Tunable Loop
TM section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com