Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74751 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC74751
Description  On-Screen Display LSI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74751 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC74751 Datasheet HTML 1Page - Sanyo Semicon Device LC74751 Datasheet HTML 2Page - Sanyo Semicon Device LC74751 Datasheet HTML 3Page - Sanyo Semicon Device LC74751 Datasheet HTML 4Page - Sanyo Semicon Device LC74751 Datasheet HTML 5Page - Sanyo Semicon Device LC74751 Datasheet HTML 6Page - Sanyo Semicon Device LC74751 Datasheet HTML 7Page - Sanyo Semicon Device LC74751 Datasheet HTML 8Page - Sanyo Semicon Device LC74751 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin Functions
No. 5396-4/15
LC74751
Pin no.
Pin
Function
Notes
1
VSS
Ground
Ground (digital system ground)
2
XtalIN
Crystal oscillator
Connections for the crystal and capacitors used to form the crystal oscillator for generating
3
XtalOUT
internal synchronizing signals.
4
TEST
Test output
Test data output
5
RST
Reset input
System reset input (This input has hysteresis characteristics.)
6
SCLK
Clock input
Clock input for the serial data input function (This input has hysteresis characteristics.)
7
SIN
Data input
Serial data input (This input has hysteresis characteristics.)
Data is input in 16-bit units.
8
CS
Enable input
Serial data input enable input (This input has hysteresis characteristics.)
Serial data input is enabled when this pin is low.
9
LVBK
Blanking level adjustment input
Level input signal used to adjust the blanking level.
10
LVCHA
Character level adjustment input
Level input signal used to adjust the character level.
11
VDD2
Power supply
Composite video signal adjustment power supply (analog system power supply)
12
CVOUT
Video signal output
Composite video signal output
13
NC
This pin must be either connected to ground or left open.
14
CVIN
Video signal input
Composite video signal input
15
VDD1
Power supply
Power supply (+5 V)
16
SYNIN
Sync separator circuit input
Input to the composite sync signal sync separator circuit
17
SEPC
Sync separator circuit adjustment
Sync separator circuit adjustment
18
SEPOUT
Composite sync signal output
Sync separator circuit composite sync signal output
19
SEPIN
Vertical synchronizing signal input
Connect an integration circuit between the SEPOUT pin and this pin, which inputs the vertical
synchronizing signal, to integrate the output signal from the SEPOUT pin.
20
OSCOUT
LC oscillator
Connections for the coil and capacitor that form the oscillator used to generate the character
21
OSCIN
output dot clock.
22
VDD1
Power supply (+5 V)
Power supply (+5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com