Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NH033 Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button NH033 Datasheet HTML 6Page - Lineage Power Corporation NH033 Datasheet HTML 7Page - Lineage Power Corporation NH033 Datasheet HTML 8Page - Lineage Power Corporation NH033 Datasheet HTML 9Page - Lineage Power Corporation NH033 Datasheet HTML 10Page - Lineage Power Corporation NH033 Datasheet HTML 11Page - Lineage Power Corporation NH033 Datasheet HTML 12Page - Lineage Power Corporation NH033 Datasheet HTML 13Page - Lineage Power Corporation NH033 Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NH033x-L and NH050x-L Series Power Modules:
Data Sheet
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
March 2010
10
10
Lineage Power
Characteristics Curves (continued)
8-2438(C)
Figure 29. NH033G-L Typical Start-Up from Remote
On/Off, VI = 5 V, IO = 10 A
8-2443(C)
Figure 30. NH050G-L Typical Start-Up from Remote
On/Off, VI = 5 V, IO = 15 A
8-2437(C)
Figure 31. NH033F-L Typical Start-Up from Remote
On/Off, VI = 5 V, IO = 10 A
8-2441(C)
Figure 32. NH050F-L Typical Start-Up from Remote
On/Off, VI = 5 V, IO = 15 A
TIME, t (500 µs/div)
TIME, t (500 µs/div)
TIME, t (500 µs/div)
TIME, t (500 µs/div)
TIME, t (500 µs/div)
TIME, t (500 µs/div)
TIME, t (500 µs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com