Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5173 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5173
Description  High-Voltage Switching and Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5173 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5173 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5173 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5173 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5173 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5173
2004-07-26
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT process)
2SC5173
High-Voltage Switching and Amplifier Applications
Color TV Horizontal Driver Applications
Color TV Chroma Output Applications
• High breakdown voltage: VCEO = 300 V
• Small collector output capacitance: Cob = 3.0 pF (typ.)
• Collector metal (fin) is fully covered with mold resin.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
300
V
Collector-emitter voltage
VCEO
300
V
Emitter-base voltage
VEBO
7
V
Collector current
IC
100
mA
Base current
IB
50
mA
Collector power dissipation
PC
1.8
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Ta = 25°C unless otherwise noted.)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 240 V, IE = 0
―
―
1.0
µA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
―
―
1.0
µA
hFE (1)
VCE = 10 V, IC = 4 mA
20
―
―
DC current gain
hFE (2)
VCE = 10 V, IC = 20 mA
30
―
200
Collector-emitter saturation voltage
VCE (sat)
IC = 10 mA, IB = 1 mA
―
―
1.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 10 mA, IB = 1 mA
―
―
1.0
V
Transition frequency
fT
VCE = 10 V, IC = 20 mA
50
70
―
MHz
Collector output capacitance
Cob
VCB = 20 V, IE = 0, f = 1 MHz
―
3.0
―
pF
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-10T1A
Weight: 1.5 g (typ.)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
C5173
Part No. (or abbreviation code)


Similar Part No. - 2SC5173

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5173 TOSHIBA-2SC5173 Datasheet
232Kb / 4P
HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - 2SC5173

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4709 SANYO-2SC4709 Datasheet
99Kb / 3P
High-Voltage Amplifier, High-Voltage Switching Applications
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
TIP47 FAIRCHILD-TIP47 Datasheet
37Kb / 4P
High Voltage and Switching Applications
logo
Sanyo Semicon Device
2SA1968LS SANYO-2SA1968LS Datasheet
30Kb / 3P
High-Voltage Amplifier, High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5173 TOSHIBA-2SC5173 Datasheet
232Kb / 4P
HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS
TBF871 TOSHIBA-TBF871 Datasheet
121Kb / 4P
HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
TIP50TU FAIRCHILD-TIP50TU Datasheet
486Kb / 5P
High Voltage and Switching Applications
logo
Toshiba Semiconductor
2SC522 TOSHIBA-2SC522 Datasheet
230Kb / 3P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH VOLTAGE SWITCHING APPLICATIONS. REGULATOR APPLICATIONS.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com