Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5174 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5174
Description  Power Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5174 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5174 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5174 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5174 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC5174
2004-07-26
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5174
Power Amplifier Applications
Driver Stage Amplifier Applications
• High transition frequency: fT = 100 MHz (typ.)
• Complementary to 2SA1932
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
230
V
Collector-emitter voltage
VCEO
230
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
1
A
Base current
IB
0.1
A
Collector power dissipation
PC
1.8
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 230 V, IE = 0
―
―
1.0
µA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
―
―
1.0
µA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
230
―
―
V
DC current gain
hFE
VCE = 5 V, IC = 100 mA
100
―
320
Collector-emitter saturation voltage
VCE (sat)
IC = 500 mA, IB = 50 mA
―
―
1.5
V
Base-emitter voltage
VBE
VCE = 5 V, IC = 500 mA
―
―
1.0
V
Transition frequency
fT
VCE = 10 V, IC = 100 mA
―
100
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
20
―
pF
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-10T1A
Weight: 1.5 g (typ.)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
C5174
Part No. (or abbreviation code)


Similar Part No. - 2SC5174

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5174 TOSHIBA-2SC5174 Datasheet
172Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE
logo
Inchange Semiconductor ...
2SC5174 ISC-2SC5174 Datasheet
278Kb / 2P
isc Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SC5174 TOSHIBA-2SC5174 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5174

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com