Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5361 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5361
Description  High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5361 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5361 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5361 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5361 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5361 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5361 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5361
2004-07-26
3
Collector-emitter voltage VCE (V)
IC – VCE
hFE – IC
Collector current IC (A)
Collector current IC (A)
VBE (sat) – IC
VCE (sat) – IC
Collector current IC (A)
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
Switching Characteristics
3
2
1
0
4
6
8
2
0
10
IB = 0.02 A
Common emitter
Tc = 25°C
0.1
0.05
0.2
0.3
0.4
0.5
0.6
0.8
1.0
Common emitter
VCE = 5 V
Tc = 100°C
−55
3
2
1
0
0.2
0.8
0
1.2
0.4
0.6
1.0
1.4
25
Tc = 100°C
−55
25
Common emitter
VCE = 5 V
0.001
0.01
10
1000
1
100
10
0.1
1
0.1
0.05
Common emitter
IC/IB = 5
0.01
10
10
Tc = 100°C
−55
25
1
0.1
1
0.1
0.01
0.1
10
1
IC = 5IB1,
2IB1 = −IB2,
Pulse width
= 20 µs
Duty cycle
≤ 1%
Tc = 25°C
10
tf
tstg
tr
1
0.1
0.01
0.1
10
1
Common emitter
IC/IB = 5
10
Tc = 100°C
−55
25
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com