Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9268GCM/V+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9268GCM/V+T
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9268GCM/V+T Datasheet HTML 1Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 2Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 3Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 4Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 5Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 6Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 7Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 8Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
General Description
The MAX9268 deserializer utilizes Maxim’s gigabit
multimedia serial link (GMSL) technology. The MAX9268
deserializer features an LVDS system interface for reduced
pin count and a smaller package, and pairs with any GMSL
serializer to form a complete digital serial link for joint
transmission of high-speed video, audio, and bidirectional
control data.
The MAX9268 allows a maximum serial payload data
rate of 2.5Gbps for a 15m shielded twisted-pair (STP)
cable. The deserializer operates up to a maximum
output clock rate of 104MHz (3-channel LVDS) or 78MHz
(4-channel LVDS). This serial link supports display
panels from QVGA (320 x 240) to WXGA (1280 x 800) and
higher with 24-bit color.
The 3-channel mode outputs an LVDS clock, three lanes
of LVDS data (21 bits), UART control signals, and one I2S
audio channel consisting of three signals. The 4-channel
mode outputs an LVDS clock, four lanes of LVDS data
(28 bits), UART control signals, an I2S audio channel,
and auxiliary control outputs. The three audio outputs
form a standard I2S interface, supporting sample rates
from 8kHz to 192kHz and audio word lengths of 4 to 32
bits. The embedded control channel forms a full-duplex,
differential, 100kbps to 1Mbps UART link between the
serializer and deserializer. An electronic control unit (ECU),
or microcontroller (FC), can be located on the serializer
side of the link (typical for video display), on the MAX9268
side of the link (typical for image sensing), or on both sides.
In addition, the control channel enables ECU/FC control of
peripherals on the remote side, such as backlight control,
grayscale gamma correction, camera module, and touch
screen. Base-mode communication with peripherals uses
either I2C or the GMSL UART format. In addition, the
MAX9268 features a bypass mode that enables full-duplex
communication using custom UART formats.
The GMSL serializer driver preemphasis, along with the
MAX9268 channel equalizer, extends the link length and
enhances the link reliability. Spread spectrum is available
to reduce EMI on the LVDS and control outputs of the
MAX9268. The serial line inputs comply with ISO 10605 and
IEC 61000-4-2 ESD protection standards.
The core supply for the MAX9268 is 3.3V. The I/O supply
ranges from 1.8V to 3.3V. The MAX9268 is available in
a 48-pin TQFP package (7mm x 7mm) with an exposed
pad, and is specified over the -40NC to +105NC automotive
temperature range.
Features
S
Pairs with Any GMSL Serializer
S
2.5Gbps Payload-Rate AC-Coupled Serial Link
S
Scrambled 8b/10b Line Coding
S
Supports WXGA (1280 x 800) with 24-Bit Color
S
8.33MHz to 104MHz (3-Channel LVDS) or 6.25MHz
to 78MHz (4-Channel LVDS) Output Clock
S
4-Bit to 32-Bit Word Length, 8kHz to 192kHz I2S
Audio Channel Supports High-Definition Audio
S
Embedded Half-/Full-Duplex Bidirectional Control
Channel (100kbps to 1Mbps)
S
Two 3-Level Inputs Support 9 Device Addresses
S
Interrupt Supports Touch-Screen Functions for
Display Panels
S
I2C Master for Peripherals
S
Equalizer for Serial Link Input
S
Programmable Spread Spectrum on the LVDS and
Control Outputs for Reduced EMI
S
Serial-Data Clock Recovery Eliminates an External
Clock
S
Automatic Data-Rate Detection Allows On-the-Fly
Data-Rate Change
S
Built-In PRBS Generator for BER Testing of the
Serial Link
S
ISO 10605 and IEC 61000-4-2 ESD Protection
S
-40NC to +105NC Operating Temperature Range
S
1.8V to 3.3V I/O and 3.3V Core Supplies
S
Patent Pending
19-5211; Rev 2; 1/11
Ordering Information
Applications
High-Resolution Automotive Navigation
Rear-Seat Infotainment
Megapixel Camera Systems
/V denotes an automotive qualified product.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
T = Tape and reel.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX9268GCM/V+
-40NC to +105NC
48 TQFP-EP*
MAX9268GCM/V+T
-40NC to +105NC
48 TQFP-EP*


Similar Part No. - MAX9268GCM/V+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9268 MAXIM-MAX9268 Datasheet
2Mb / 26P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
MAX9268EVKIT MAXIM-MAX9268EVKIT Datasheet
2Mb / 26P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
MAX9268EVKIT+ MAXIM-MAX9268EVKIT+ Datasheet
2Mb / 26P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
More results

Similar Description - MAX9268GCM/V+T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
Maxim Integrated Produc...
MAX9249 MAXIM-MAX9249 Datasheet
1Mb / 36P
Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 3; 1/11
MAX9259 MAXIM-MAX9259 Datasheet
2Mb / 51P
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 3; 1/11
MAX9249 MAXIM-MAX9249_12 Datasheet
1Mb / 36P
Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 4; 1/12
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Maxim Integrated Produc...
MAX9259 MAXIM-MAX9259_14 Datasheet
1Mb / 51P
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Maxim Integrated Produc...
MAX9295 MAXIM-MAX9295 Datasheet
1Mb / 51P
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
logo
Rohm
BU18RL82-M ROHM-BU18RL82-M Datasheet
874Kb / 13P
Clockless Link-BD Deserializer with LVDS Interface for Automotive
7.Jun.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com