Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS7215 Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS7215
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7215 Datasheet(HTML) 7 Page - LSI Computer Systems

  LS7215 Datasheet HTML 1Page - LSI Computer Systems LS7215 Datasheet HTML 2Page - LSI Computer Systems LS7215 Datasheet HTML 3Page - LSI Computer Systems LS7215 Datasheet HTML 4Page - LSI Computer Systems LS7215 Datasheet HTML 5Page - LSI Computer Systems LS7215 Datasheet HTML 6Page - LSI Computer Systems LS7215 Datasheet HTML 7Page - LSI Computer Systems LS7215 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7215-072009-7
FIGURE 9. PROGRAMMABLE ACCURATE REAL-TIME DELAY GENERATION
18
11
12
13
14
15
16
17
19
V DD
WB0
WB1
WB2
WB3
WB4
WB5
WB6
WB7
1
2
3
4
10M
A
B
TRIG
XTLI
5
XTLO
6
PSCLS
7
RESET
8
9
Vss
OUT
OUTPUT
+V
S1
+V
470k
ƒ
25pF
25pF
TRIGGER IN
+V
1s/1m
2s/2m
4s/4m
8s/8m
16s/16m
32s/32m
64s/64m
128s/128m
NOTE : Crystal Frequency, ƒ = 32,768Hz
Switch: S1 low: Delay increment = 1s; Maximum Delay = 255s
S1 high: Delay increment = 1m; Maximum Delay = 255m
LS7216
s = seconds
m = minutes
MCU
8
WB0-WB7
WB0-WB7
LOAD
LOAD
LS7215/16
LS7215/16
IO
IO
IO
FIGURE 10. LATCHING WEIGHTING BITS FROM A MCU
ODOUT
ODOUT
+3V
+3V
+3V
VSS
VSS
VSS
VDD
VDD
VDD
20
20
3
3
8
8
11-18
11-18
(Example showing separate relay and logic supplies)
+9V
10
+3V
+18V
10
+3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com