Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC410 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC410
Description  3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC410 Datasheet HTML 18Page - Semtech Corporation SC410 Datasheet HTML 19Page - Semtech Corporation SC410 Datasheet HTML 20Page - Semtech Corporation SC410 Datasheet HTML 21Page - Semtech Corporation SC410 Datasheet HTML 22Page - Semtech Corporation SC410 Datasheet HTML 23Page - Semtech Corporation SC410 Datasheet HTML 24Page - Semtech Corporation SC410 Datasheet HTML 25Page - Semtech Corporation SC410 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
SC410
22
Applications Information (continued)
Figure 11 — PCB Layout
SC410
LX connection
using a Via
FB node
PGND
VESR node
PCB Layout Guidelines
The optimum layout for the SC410 is shown in Figure 11.
This layout shows an integrated FET buck regulator with a
maximum current of 3A. The total PCB area is approxi-
mately 19.1mm x 11.3mm.
Critical Layout Guidelines
The following critical layout guidelines must be followed
to ensure proper performance of the device.
IC Decoupling capacitors
PGND plane
AGND island
FB and other analog control signals
BST and LX
Capacitors and Current Loops
IC Decoupling Capacitors
A 0.1 μF capacitor must be located as close as
possible to the IC and directly connected to pins
10 (LDO) and 9 (AGND).
All other decoupling capacitors must be located
as close as possible to the IC.
•
•
•
•
•
•
•
•
PGND Plane
PGND requires its own copper plane with no
other signal traces routed on it.
Copper planes, multiple vias, and wide traces are
needed to connect PGND to input capacitors,
output capacitors, and the PGND pins on the IC.
The PGND copper area between the input
capacitors, output capacitors, and PGND pins
must be as small as and as compact as possible
to reduce the area of the PCB that is exposed to
noise due to current flow on this node.
Connect PGND to AGND with a short trace or
0Ω resistor. This connection should be as close
to the IC as possible.
AGND Island
AGND should have its own island of copper with
no other signal traces routed on this layer that
connects the AGND pins and pad of the IC to the
analog control components.
All of the components for the analog control cir-
cuitry should be located so that the connections
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com