Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1221 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SD1221
Description  Audio Frequency Power Amplifier Application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1221 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SD1221 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1221 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1221 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1221 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD1221
2010-05-19
3
hFE – IC
VCE (sat) – IC
IC – VCE
IC – VBE
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
Collector current IC (A)
Collector current IC (A)
Ambient temperature Ta (°C)
PC – Ta
Collector-emitter voltage VCE (V)
Safe Operating Area
0
0
Common emitter
Tc = 25°C
90
80
70
60
50
40
30
20
0
3.0
2.0
1.0
2
4
6
8
IB = 10 mA
0
0
Common emitter
VCE = 5 V
3.0
2.0
1.0
0.4
0.8
1.2
1.6
25
−25
Tc = 100°C
Common emitter
VCE = 5 V
500
100
50
30
10
0.03
0.1
0.3
1
3
300
25
−25
Tc = 100°C
Common emitter
IC/IB = 10
1
0.5
0.3
0.1
0.05
0.02
0.03
0.1
0.3
1
3
25
−25
Tc = 100°C
24
0
0
(1) Tc = Ta infinite heat sink
(2) Ceramic substrate
50 mm × 50 mm × 0.8 mm
(3) No heat sink
25
50
75
100
125
150
175
4
8
12
16
20
(1)
(2)
(3)
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly with
increase in temperature.
10
IC max (continuous)
IC max (pulsed)*
VCEO max
1 ms*
10 ms*
DC operation
(Tc = 25°C)
30
100
3
10
1
1
0.1
0.3
0.5
5
3
100 ms*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com