Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT314F12 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT314F12
Description  Power PCB Relay RT1 bistable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT314F12 Datasheet(HTML) 1 Page - Tyco Electronics

  RT314F12 Datasheet HTML 1Page - Tyco Electronics RT314F12 Datasheet HTML 2Page - Tyco Electronics RT314F12 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Power PCB Relay RT1 bistable
I 1 pole 16 A, 1 CO contact
I Polarized bistable version with 1 or 2 coils
I 5 kV / 10 mm coil-contact
I Reinforced insulation
I RoHS compliant (Directive 2002 / 95 / EC)
as per product date code 0413
Applications
Battery powered equipment or applications with
"memory function”
F0176-B
Approvals
V REG.-Nr. 6106, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1 CO contatct
Contact set
single contact
Type of interruption
micro disconnection
Rated current
16 A
Rated voltage / max.switching voltage AC
240/400 VAC
Limiting continuous current
20 A
Maximum breaking capacity AC
4000 VA
Limiting making capacity, max 4 s, duty factor 10%
30 A
Contact material
AgNi 90/10
Mechanical endurance
> 5 x 106 cycles
Rated frequency of operation with / without load
6 / 1200 min-1
Contact ratings
Type
Load
Cycles
RT314
20 A, 250 VAC, NO contact, 85°C, UL508
6x103
RT314
Pilot duty A300 (NO contact), B300 (CO/NC contact), UL508
RT314
1hp @ 240 VAC, 1/2hp @ 120 VAC, NO contact, UL508
Coil data
1 coil
2 coils
Rated coil voltage range DC coil
5...24 VDC
Coil power
typ 400 mW
typ 600 mW
Operative range
2
Limiting voltage, % of rated coil voltage
120%
150%
Minimum energization duration
30 ms
Maximum energization duration
1 min at < 10% DF
Coil insulation system according UL1446
class F
Coil versions, bistable coil
Coil
Rated
Operate
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
c
mW
bistable, 1 coil
A05
5
3.5
3.5
62+10%
403
A06
6
4.2
4.2
90+10%
400
A12
12
8.4
8.4
360+
+10%
400
A24
24
16.8
16.8
1440+
+10%
400
bistable, 2 coils
F05
5
3.5
3.5
42+10%
595
F06
6
4.2
4.2
55+10%
655
F12
12
8.4
8.4
240+
+10%
600
F24
24
16.8
16.8
886+
+10%
650
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - RT314F12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT314F12 MACOM-RT314F12 Datasheet
447Kb / 3P
Power PCB Relay RT1 bistable
More results

Similar Description - RT314F12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
Power PCB Relay RT1
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
Power PCB Relay RT1
RT314024F MACOM-RT314024F Datasheet
567Kb / 3P
Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
Power PCB Relay RT1
RT314F05 MACOM-RT314F05 Datasheet
447Kb / 3P
Power PCB Relay RT1 bistable
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
Power PCB Relay RT1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com