Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT33K024 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RT33K024
Description  Power PCB Relay RT1 Inrush
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT33K024 Datasheet(HTML) 3 Page - Tyco Electronics

  RT33K024 Datasheet HTML 1Page - Tyco Electronics RT33K024 Datasheet HTML 2Page - Tyco Electronics RT33K024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Power PCB Relay RT1 Inrush (Continued)
Product key
RT
3
Type
Version
3
16 A, pinning 5 mm, flux proof
Contact configuration
1
1 CO contact
3
1 NO contact
Contact material
K
AgNi 90/10
L
AgSnO2
Coil
Coil code: please refer to coil versions table, preferred types in bold print
Dimensions
S0272-BC
Product key
Version
Contacts
Contact material
Coil
Part number
RT33K012
16 A
1 NO contact
AgNi 90/10
12 VDC
2-1393240-3
RT33K024
pinning 5 mm
24 VDC
2-1393240-4
RT33K048
48 VDC
2-1393240-5
RT33L012
AgSnO2
12 VDC
3-1393240-3
RT33L024
24 VDC
3-1393240-5
RT33L048
48 VDC
3-1393240-6
PCB layout / terminal assignment
Bottom view on solder pins
16 A, 1 NO contact, pinning 5 mm
monostable version
S0418-CU
S0163-BF
*) With the recommended PCB hole sizes a grid
pattern from 2.5 mm to 2.54 mm can be used.
bistable version a)
S0163-CS
16 A, 1 CO contact, pinning 5 mm
monostable version
S0418-CA
S0163-BE
bistable version a)
S0163-CI
a) Indicated contact position during or after coil
energization with reset voltage.
b) for 2 coil version only



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com