Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT174012 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RT174012
Description  Power PCB Relay RT1 sensitive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT174012 Datasheet(HTML) 2 Page - Tyco Electronics

  RT174012 Datasheet HTML 1Page - Tyco Electronics RT174012 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Power PCB Relay RT1 sensitive (Continued)
Product key
RT
4
Type
Version
1
1
10
0 A
A,, p
piin
nn
niin
ng
g 3
3..5
5 m
mm
m,, ffllu
ux
x p
prro
oo
off
B
10 A, pinning 3.5 mm, wash tight
Contact configuration
7
1
1 C
CO
O c
co
on
ntta
ac
ctt
8
1 NO contact
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Preferred types in bold print
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
10 A, pinning 3.5 mm
1 CO contact
1 NO contact
S0418-CB
S0163-BG
S0163-BH
S0272-BB
Product key
Version
Contacts
Contact material
Coil
Part number
RT174005
10 A
1 CO contact
AgNi 90/10
5 VDC
3-1393239-6
RT174006
pinning 3.5 mm
6 VDC
3-1393239-7
RT174012
flux proof
12 VDC
3-1393239-8
RT174024
24 VDC
3-1393239-9
RTB74012
10 A, 3.5mm
12 VDC
4-1393238-4
RTB74024
wash tight
24 VDC
4-1393238-6
*) With the recommended PCB hole sizes a grid
pattern from 2.5 mm to 2.54 mm can be used.
Insulation
Dielectric strength coil-contact circuit
5000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
> 10 / 10 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250 V
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
240/400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0413
Flammability class according to UL94
V-0
Ambient temperature range
-40...+85°C
Operate- / release time
typ 7 / 3 ms
Bounce time NO / NC contact
typ 2 / 4 ms
Vibration resistance (function) NO / NC contact
20 / 5 g, 30 ... 500 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof, RTIII - wash tight
Mounting
pcb or on socket
Mounting distance
0 mm
Resistance to soldering heat flux-proof version
270°C / 10 s
wash-tight version
260°C / 5 s
Relay weight
14 g
Packaging unit
20 / 500 pcs
Accessories
For details see datasheet
Accessories Power Relay RT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com