Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7537 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC7537
Description  Electronic Volume Control for Car Stereo Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7537 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC7537 Datasheet HTML 9Page - Sanyo Semicon Device LC7537 Datasheet HTML 10Page - Sanyo Semicon Device LC7537 Datasheet HTML 11Page - Sanyo Semicon Device LC7537 Datasheet HTML 12Page - Sanyo Semicon Device LC7537 Datasheet HTML 13Page - Sanyo Semicon Device LC7537 Datasheet HTML 14Page - Sanyo Semicon Device LC7537 Datasheet HTML 15Page - Sanyo Semicon Device LC7537 Datasheet HTML 16Page - Sanyo Semicon Device LC7537 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Super Bass Block Circuit 1 External Capacitor Calculation Example
The LC75373E external capacitors function as the structural elements for simulated inductances. This section presents
the equivalent circuits and the formulas used to calculate the desired center frequencies.
Simulated Inductance Equivalent Circuit
Sample Calculations
Specifications:
Center frequency: F0 = 100 Hz
Q at maximum boost: Qmax = 1.05
x Determine the sharpness Q0 of the simulated inductance itself.
Q0 =
* Qmax
≈ 2.6481
Determine C1.
C1 =
≈ 0.60 (µF)
Ž Determine C2
C2 =
≈ 0.014 (µF)
*: See the super bass block equivalent circuit diagram for the values of the internal resistors.
No. 5588-13/21
LC75373E
(RT2 + Rfeed)
RT2
1
2*
π * F0 * RT2 * Q0
Q0
2*
π * F0 * RT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com