Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA Datasheet(PDF) 1 Page - Tyco Electronics

Part # STA
Description  Specification Grade Discrete Plug-in
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

STA Datasheet(HTML) 1 Page - Tyco Electronics

  STA Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1236
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
AGASTAT
Catalog 1308242
Issued 3-03 (PDF Rev 4-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
STA series
Specification Grade Discrete Plug-in
Time Delay Relay With QC Terminals
• On-Delay, Off-Delay, Interval and Accumulating On-Delay
timing modes
• 13 timing ranges from 0.1 sec. to 48 hr.
• 10A DPDT output contacts
• Knob, fixed or external timing adjustment.
• QC plug-in terminals save space, two LEDs show status
File E60363
File LR51332
Timing Modes
On-Delay, Off-Delay, Interval and Accumulating On-Delay.
Timing Specifications
Timing Ranges: 6 to 180 cycles; 0.1 to 3 / 0.5 to 15 / 1 to 30 / 2 to 60 /
4 to 120 / 6 to 180 / 10 to 300 sec.; 0.33 to 10 / 0.5 to 15 /
1 to 30 min.; 1 to 6 / 2 to 48 hr. (All are +5%, –0% of
maximum values).
Timing Adjustment: Knob or fixed time (internal fixed resistor) – all models;
customer supplied external potentiometer or resistor
– On-Delay and Interval models only.
Accuracy: Repeat Accuracy:
±.5% ±0.004 sec..
Overall Accuracy:
±2% throughout operating temperature
and voltage ranges.
Reset Time: 30 ms. min. (between deenergization and reenergization
without affecting accuracy.)
Relay Operate Time: Off-Delay mode: 35 ms.; Interval mode: 20 ms.
Relay Release Time: On-Delay and Accumulating On-Delay modes: 20 ms.
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT).
Rating: 10A @ 28VDC or 120VAC, resistive; 1/3 HP @ 120/240VAC; 345VA.
Same polarity.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 500,000 operations, min., at rated resistive load.
Initial Dielectric Strength
Between Terminals and Case: 1,000VAC plus twice the nominal voltage
for one minute.
Outline Dimensions
Wiring Diagrams (Bottom Views)
Mechanical Data
Mounting/Termination: Quick connect terminals fit either 27E121 or
27E893 (snap-on) socket (order separately).
Status Indication: Power On LED and Output Contacts LED (optional).
Weight: 4.2 oz. (119g) approximately.
Environmental Data
Temperature Range: Storage: -40
°C to +85°C.
Operating: -30
°C to +65°C.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Authorized distributors are likely to stock the following:
None at present.
Off-Delay &
On-Delay
On-Delay
Accumulating
&
&
On-Delay
Interval
Interval
Fixed or Knob
Fixed or Knob
External Potentiomer
Adjust
Adjust
or Resistor Adjust
Insulated, shielded two-conductor
cable similar to Belden 8719, 8720
or 8769 required for leads longer
than 6 inches. Maximum
permissble length is 50 feet.
®
Input Data @ 25
°C
Voltage: See Ordering Information section for details.
Power Requirement: 3W, max.
Transient Protection: Non-repetitive transients of the following magni-
tudes will not cause spurious operation of affect function and accuracy.
Operating Voltage
<0.1 ms
<1 ms
All except 12 & 24
3,000V
2,500
12 & 24
Consult Factory
Ordering Information (All "X's" must be included to complete part number)
STA
|
Series STA
Discrete
Industrial
Timer
With
Tab-type
Terms.
RX
|
|
|
|
|
|
|
|
Mounting Series
RX = 11-pin tab-type
header (order
socket
separately)
2X
|
|
|
|
|
|
Output
2X = DPDT
Relay
A
|
|
|
|
|
|
|
|
|
|
|
|
|
Operating Voltage
(+10%, –15%)
A = 120VAC, 50/60
Hz. / 120VDC
E = 24VAC, 50/60
Hz. / 24VDC
F = 48VAC, 50/60
Hz. / 48VDC
Q = 12VDC
A
|
Timing Range
A =0 .1 to 3 sec.
B = 0.5 to 15 sec.
C = 1 to 30 sec.
D = 2 to 60 sec.
E = 4 to 120 sec.
F = 6 to 180 sec.
G = 10 to 300 sec.
I = 2 to 60 min.
J = 1 to 6 hr.
K = 3 to 180 cycles
L = 0.33 to 10 min.
M = 0.5 to 15 min.
N = 1 to 30 min.
R = 2 to 48 hr.
XA
|
|
|
|
|
|
|
|
|
|
|
|
|
Timing Adjustment
XA = Knob Adjust
XB = External
Potentiometer or
resistor (Operating
modes 1 and 3
only).
XF =Fixed Times –
Specify time delay
in seconds per the
following examples:
XF9.000 = 9 sec.
XF99.00 = 99 sec.
XF999.0 = 9999 sec.
XF1000 = 1000 sec.
01
|
Operating Mode
01 = On-Delay
02 = Off-Delay
03 = Interval
09 = Accumulating
On-Delay
S
|
Status
Indication
S = LEDs
X = No LEDs
1.500 MAX.
(38)
1.390 MAX.
(35)
.660 MAX.
(17)
3.045
(77)
.281 REF.
(7)


Similar Part No. - STA

ManufacturerPart #DatasheetDescription
logo
GREATECS
STA GREATECS-STA Datasheet
167Kb / 1P
4 x 3 mm Miniature SMT Tactile Switches
logo
Vishay Siliconix
STA VISHAY-STA Datasheet
67Kb / 3P
Wet Tantalum Capacitors with Hermetic Seal
13-Oct-2020
logo
Apex Electronics Co., L...
STA APEX-ELECTRONICS-STA Datasheet
672Kb / 5P
Miniature toggle switches, IP67
logo
Eravant
STA-03-03-F1 ERAVANT-STA-03-03-F1 Datasheet
391Kb / 3P
WR-03 Fixed Attenuator, 3 dB
Rev 1.3
STA-03-04-F1 ERAVANT-STA-03-04-F1 Datasheet
340Kb / 2P
WR-04 Fixed Attenuator, 3 dB
Rev 1.0
More results

Similar Description - STA

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
HF507P YAMAICHI-HF507P Datasheet
297Kb / 3P
Non-ZIF Adapter Plug for Discrete Wire
logo
Tyco Electronics
SRC MACOM-SRC Datasheet
156Kb / 1P
Specification Grade Repeat Cycle
SSC MACOM-SSC Datasheet
164Kb / 1P
Specification Grade Discrete Plug-in
SST MACOM-SST Datasheet
148Kb / 1P
Industrial Grade Discrete Plug-in
VTM-1 MACOM-VTM-1 Datasheet
186Kb / 1P
Specification Grade, On-Delay Timing Module
2-1437463-1 MACOM-2-1437463-1 Datasheet
156Kb / 1P
Specification Grade Discrete Plug-in True Off-Delay Time Delay Relay
logo
List of Unclassifed Man...
AF512CFI-7ACXP ETC1-AF512CFI-7ACXP Datasheet
1Mb / 68P
ATP Industrial Grade CompactFlashCard Specification
AF512UFEDBK ETC1-AF512UFEDBK Datasheet
163Kb / 6P
ATP Industrial Grade Endura Specification
AF512UDI ETC1-AF512UDI Datasheet
2Mb / 91P
ATP Industrial Grade microSD Card Specification
AF512SDI ETC1-AF512SDI Datasheet
2Mb / 81P
ATP Industrial Grade SD Card Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com