Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSYN Datasheet(PDF) 1 Page - Tyco Electronics

Part # WSYN
Description  Paralleling Relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

WSYN Datasheet(HTML) 1 Page - Tyco Electronics

  WSYN Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
38
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
ANSI/IEEE C37.90-1978
UL file No. E58048
CSA file No. LR61158
Operation:
A.
The output relay will energize when all three
of the following conditions are met:
1. Voltage differential is below the preset
value.
2. Phase angle is below the preset value.
3. Frequency differential is below the preset
value.
B.
The relay is also provided with a "Double Dead
Bus" feature: When the voltage on either one
of the sensing inputs is below 15-25% of
nominal, (Dead Bus Condition), the output
relay will energize to permit paralleling.
When both sensing voltage are below 15-25%
of nominal, the output relay will not energize.
Paralleling Relays
PRODUCT SPECIFICATIONS
Part Number
Sensing Voltage ...................................
Control Voltage ....................................
Voltage Differential Adjust Range .......
Phase Angle Adjust Range ..................
Frequency Differential Adjust Range
Operating Temperature ........................
Contact Ratings ....................................
Output Contacts ...................................
WSYN Series
Single Phase, see Part Number Selection
See Part Number Selection
4% to 10% of nominal voltage
4 to 10 electrical degrees
0.2 Hz to 0.5 Hz
-20o C to +50 oC
5 amp resistive at 120 VAC or 28Vdc
One set N.O., one set N.C.
Sample Part No.
WSYN-50-120-12DC-A
Type:
WSYN - Synchro Check
Frequency Hz
50
60
400
Sensing Voltage VAC (
±10%)
120
400
200
416
208
440
220
460
230
480
240
525
380
575
Control Voltage (
±20%)
12DC
120AC
24DC
230AC
48DC
380AC
125DC
460AC
Options
A = two normal open contacts
B = two normally closed contacts
H = Contacts rated 3 amp at 125 VDC
P = Transient Protection
Transient Protection - All voltage relays will withstand
momentary voltage surges of twice the nominal rated input
voltage (standard).
PART NUMBER SELECTION
Notes:
1. Remove black cover screws to gain access to the adjustment potentiometers.
2. Clockwise rotation increases the trip differential setting.
3. Calibration terminals (11) (12) must be connected together to disable the phase angle
detector when setting the frequency difference trip point. Once it is set, the connection must
be removed.
13
/64" DIA.
4 MTG. HOLES
3 1/2
4 3/16
TERMINAL STRIPS
#6 - 32 SCREWS
4
1
/2
5
15 /32
25
WILMAR™ Protective Relays – WSYN Series
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - WSYN

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WSY-00021-02 MOLEX-WSY-00021-02 Datasheet
260Kb / 1P
PowerCat 6™ - UTP The Cat 6 Solution
WSY-00022-02 MOLEX-WSY-00022-02 Datasheet
260Kb / 1P
PowerCat 6™ - UTP The Cat 6 Solution
WSY-00023-02 MOLEX-WSY-00023-02 Datasheet
260Kb / 1P
PowerCat 6™ - UTP The Cat 6 Solution
logo
List of Unclassifed Man...
WSYBT4 ETC2-WSYBT4 Datasheet
44Kb / 1P
Battery Module For Symmetra PX or Smart-UPS VT - Spare Part
More results

Similar Description - WSYN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
International Rectifier
IRFY130 IRF-IRFY130 Datasheet
167Kb / 7P
Simple Drive Requirements Ease of Paralleling Hermetically Sealed
logo
IXYS Corporation
IXA20I1200PB IXYS-IXA20I1200PB Datasheet
106Kb / 4P
Easy paralleling due to the positive temperature
IXA20IF1200HB IXYS-IXA20IF1200HB Datasheet
129Kb / 6P
Easy paralleling due to the positive temperature Easy paralleling due to the positive temperature
logo
STMicroelectronics
AN2842 STMICROELECTRONICS-AN2842 Datasheet
902Kb / 22P
Paralleling of power MOSFETs in PFC topology
29-Jul-2009
logo
Micross Components
ASJD1200R045 MICROSS-ASJD1200R045 Datasheet
148Kb / 4P
Positive Temperature Coeffi cient for Ease of Paralleling
ASJD1200R085 MICROSS-ASJD1200R085 Datasheet
223Kb / 7P
Positive Temperature Coeffi cient for Ease of Paralleling
ASJE1200R063 MICROSS-ASJE1200R063 Datasheet
222Kb / 7P
Positive Temperature Coeffi cient for Ease of Paralleling
logo
Microchip Technology
VP2450 MICROCHIP-VP2450 Datasheet
575Kb / 14P
Ease of Paralleling
06/23/16
logo
STMicroelectronics
STGW80H65FB-4 STMICROELECTRONICS-STGW80H65FB-4 Datasheet
772Kb / 14P
Safe paralleling
03-Apr-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com